Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH600 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # KH600
Description  1GHz, Differential Input/Output Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH600 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button KH600 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 6Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 7Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 8Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 9Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 10Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 11Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 12Page - Cadeka Microcircuits LLC. KH600 Datasheet HTML 13Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
KH600
DATA SHEET
REV. 2 January 2004
11
changing the common mode from 1V to 3V set Vs = +7.5 and
-Vs to -3.5V. This example calls for a supply voltage of greater
than 10V. This will not effect supply current because as Figure 11
indicates, changing ±Vs has no effect on supply current.
Figure 19: 2Vpp HD vs. Common Mode Voltage
Figure 20: 5Vpp HD vs. Common Mode Voltage
Figure 21: Resulting Is and -Is
Layout Considerations
General layout and supply bypassing play major roles in high
frequency performance. Cadeka has evaluation boards to use
as a guide for high frequency layout and as aid in device testing
and characterization. Follow the steps below as a basis for
high frequency layout:
• Include all recommended 6.8
µF and 0.01µF
bypass capacitors
• Place the 6.8
µF capacitors within 0.75 inches of
the power pin
• Place the 0.01
µF capacitors within 0.1 inches of
the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce
parasitic capacitance
• Minimize all trace lengths to reduce series inductances
• A 10pF to 50pF bypass capacitor can be used between
pins 5 and 6 and between pins 10 and 11 to reduce
crosstalk from the positive supply
Refer to the evaluation board layouts shown in Figure 22 for
more information.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of this device:
Do not include capacitors C2, C3, C7, C11, and C12
that are shown on the KEB007 evaluation board. Evaluation
board schematics and layouts are shown in Figure 22. Refer
to the schematic shown in Figure 1 for the KEB007 board
and Figure 3 for the KEB009 board.
140
40
100
120
Common Mode Output Voltage (V)
01
3
4
2
Is, -Is
60
80
+Vs = +7.5V
-Vs = -3.5V
Evaluation
Description
Products
Board
KEB007
Basic KH600 Eval Bd
KH600
KEB009
KH600 Eval Bd with offset and
KH600
Icc Adjust Option
-30
-80
-55
-50
-45
-40
-35
Common Mode Output Voltage (V)
01
3
4
2
HD3
HD2
-75
-70
-65
-60
+Vs = +7.5V
-Vs = -3.5V
5Vpp, 50MHz
-40
-80
-75
-70
-65
-60
-55
-50
-45
Common Mode Output Voltage (V)
01
3
4
2
HD3
HD2
+Vs = +7.5V
-Vs = -3.5V
2Vpp, 50MHz
HD3
HD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com