Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2V2HS Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # 2V2HS
Description  SILICON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2V2HS Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  2V2HS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2V2HS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2V2HS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 2V2HS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 2V2HS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 07/05/2006
HS Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
Ohm at lZT
lZT (mA)
IR (µA) Max.
VR (V)
5V6HS
5.29
5.88
5V6HSA
5.29
5.52
5V6HSB
5.46
5.7
5V6HSC
5.64
5.88
5
40
5
5
2.5
6V2HS
5.81
6.4
6V2HSA
5.81
6.06
6V2HSB
5.99
6.24
6V2HSC
6.16
6.4
5
30
5
5
3
6V8HS
6.32
6.97
6V8HSA
6.32
6.59
6V8HSB
6.52
6.79
6V8HSC
6.7
6.97
5
25
5
2
3.5
7V5HS
6.88
7.64
7V5HSA
6.88
7.19
7V5HSB
7.11
7.41
7V5HSC
7.33
7.64
5
25
5
0.5
4
8V2HS
7.56
8.41
8V2HSA
7.56
7.9
8V2HSB
7.82
8.15
8V2HSC
8.07
8.41
5
20
5
0.5
5
9V1HS
8.33
9.29
9V1HSA
8.33
8.7
9V1HSB
8.61
8.99
9V1HSC
8.89
9.29
5
20
5
0.5
6
10HS
9.19
10.3
10HSA
9.19
9.59
10HSB
9.48
9.9
10HSC
9.82
10.3
5
20
5
0.2
7
11HS
10.18
11.26
11HSA
10.18
10.63
11HSB
10.5
10.95
11HSC
10.82
11.26
5
20
5
0.2
8
12HS
11.13
12.3
12HSA
11.13
11.63
12HSB
11.5
11.92
12HSC
11.8
12.3
5
25
5
0.2
9
13HS
12.18
13.62
13HSA
12.18
12.71
13HSB
12.59
13.16
13HSC
13.03
13.62
5
25
5
0.2
10
1) Tested with pulse tp = 20 ms
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com