Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2V2HS Datasheet(PDF) 5 Page - SEMTECH ELECTRONICS LTD.

Part # 2V2HS
Description  SILICON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2V2HS Datasheet(HTML) 5 Page - SEMTECH ELECTRONICS LTD.

  2V2HS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2V2HS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 2V2HS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 2V2HS Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 2V2HS Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 07/05/2006
HS Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
Ohm at lZT
lZT (mA)
IR (µA) Max.
VR (V)
33HS
29.68
33.11
33HSA
29.68
31.22
33HSB
30.32
31.88
33HSC
30.9
32.5
33HSD
31.49
33.11
5
65
5
0.2
25
36HS
32.14
35.77
36HSA
32.14
33.79
36HSB
32.79
34.49
36HSC
33.4
35.13
36HSD
34.01
35.77
5
75
5
0.2
27
39HS
34.68
38.52
39HSA
34.68
36.47
39HSB
35.36
37.19
39HSC
36
37.85
39HSD
36.63
38.52
5
85
5
0.2
30
1) Tested with pulse tp = 20 ms
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
30
27 H S
T e st cu r r e nt I z
5m A
0
0
10
20
IZ
10
V z
20
15 H S
12 H S
10 H S
18 H S
22 H S
40 V
30
33 H S
T j=2 5 ° C
7
4V 7 H S
0V 8 H S
B r ea kdo w n C h ar a c t e r is t ic s
at T j = c on sta n t ( p u ls e d)
5m A
T e st cu r r e nt I z
10
mA
1
0
0
20
30
IZ
4
2
3
V z
56
B r ea kd o w n C h ar ac t e r is t ic s
at T j= c o n s tan t ( puls e d )
mA
50
40
T j =25° C
3V 3 H S
2V 7 H S
3V 9 H S
5V 6 H S
6V 8 H S
10 V
89
8V 2 H S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com