Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP1812 Datasheet(PDF) 22 Page - A1 PROs co., Ltd.

Part # IMP1812
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1812 Datasheet(HTML) 22 Page - A1 PROs co., Ltd.

Back Button IMP1812 Datasheet HTML 18Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 19Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 20Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 21Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 22Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 23Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 24Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 25Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 26Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP1
IMP1881166
Application Information
Operation – Power Monitor
The IMP1816 detects out-of-tolerance power supply conditions. It
resets a processor during power-up, power-down and issues a
reset to the system processor when the monitored power supply
voltage is below the reset threshold. When an out-of-tolerance VCC
voltage is detected, the RESET signal is asserted. On power-up,
RESET is kept active (LOW) for approximately 150ms after the
power supply voltage has reached the selected tolerance. This
allows the power supply and microprocessor to stabilize before
RESET is released.
Figure 1. Timing Diagram: Power-Up
Figure 2. Timing Diagram: Power-Down
VCCTP (MAX)
VCCTP
VCCTP (MIN)
VCC
RESET
tR
tRPU
VOH
1816_06.eps
VCCTP (MAX)
VCCTP
VCCTP (MIN)
VCC
RESET
tF
VOL
tRPD
1816_07.eps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com