Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP1812 Datasheet(PDF) 33 Page - A1 PROs co., Ltd.

Part # IMP1812
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1812 Datasheet(HTML) 33 Page - A1 PROs co., Ltd.

Back Button IMP1812 Datasheet HTML 28Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 29Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 30Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 31Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 32Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 33Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 34Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 35Page - A1 PROs co., Ltd. IMP1812 Datasheet HTML 36Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Notes: 1. A 1k
Ω external resistor maybe required in some applications for proper operation of the microprocessor reset control circuit.
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
3
IMP1
IMP1233M
233M
Absolute Maximum Ratings
Electrical Characteristics
Voltage on VCC . . . . . . . . . . . . . . . . . . . . . . . . –0.5V to 6.5V
Voltage on RESET . . . . . . . . . . . . . . . . . . . . . –0.5V to VCC + 0.5V
Operating Temperature Range . . . . . . . . . . . –40
°C to 85°C
Soldering Temperature . . . . . . . . . . . . . . . . . . 260
°C for 10 seconds
Storage Temperature . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Voltages measured with respect to ground.
These are stress ratings only and functional operation is not implied.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
1.2
5.5
V
Output Voltage
VOH
IOUT < 500µAVCC – 0.5V
VCC – 0.1V
V
Output Current
IOL
Output = 0.4V, VCC ≥ 2.7V
+8
mA
Operating Current
ICC
VCC < 5.5V, RESET output open
8
20
µA
Operating Current
ICC
VCC ≤ 3.6V, RESET output open
6
15
µA
VCC Trip Point (IMP1233M-5)
VCCTP
4.25
4.375
4.49
V
VCC Trip Point (IMP1233M-55)
VCCTP
4.5
4.625
4.75
V
VCC Trip Point (IMP1233M-3)
VCCTP
2.64
2.72
2.8
V
Voltage High Trip Level
VHTL
4.75
V
IMP1233M-5
IMP1233M-55
Voltage Low Trip Level
VLTL
4.00
V
IMP1233M-5
IMP1233M-55
Voltage High Trip Level
VHTL
3.14
V
IMP1233M-3
Voltage Low Trip Level
VLTL
2.48
V
IMP1233M-3
Internal Pull-Up Resistor
RP
3.5
5.0
7.5
k
Ω
Output Capacitance
COUT
10
pF
VCC Detect to RESET Low
tRPD
210
µs
VCC Slew Rate
tF
300
µs
(VHTL - VLTL)
VCC Slew Rate
tR
0ns
(VLTL - VHTL)
VCC Detect to RESET High
tRPU
tR = 5µs
200
350
500
ms
Unless otherwise noted, VCC = 1.2V to 5.5V and specifications are over the operating temperature range of – 40°C to +85°C.
All voltages are referenced to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com