Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5218CDW Datasheet(PDF) 8 Page - A1 PROs co., Ltd.

Part # IMP5218CDW
Description  9--Liine Pllug and Pllay SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5218CDW Datasheet(HTML) 8 Page - A1 PROs co., Ltd.

Back Button IMP5218CDW Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 6Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 7Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 8Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 9Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Junction Temperature (
°C)
5218_19.eps
VT = 3.3V
0
25
50
75
100
125
2.0
2.5
3.0
3.5
4.0
4.5
Junction Temperature (
°C)
5218_20.eps
VT = 3.3V
0
25
50
75
100
125
5
10
15
20
25
30
Figure 19. Output High Voltage vs. Junction Temperature
Figure 20. Output Current vs. Junction Temperature
Typical Characteristics
VTERM Voltage (V)
5218_21.eps
3.0
3.5
4.0
5.0
4.5
5.5
6.0
0
0.5
1.0
1.5
2.5
2.0
3.5
3.0
4.0
VTERM Voltage (V)
5218_22.eps
3.0
3.5
4.0
5.0
4.5
5.5
6.0
0
5
10
15
20
25
Figure 21. Output High Voltage vs. Termination Voltage
Figure 22. Output Current vs. Termination Voltage
IMP5
IMP511111/5
1/5111122
IMP52
IMP521188



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com