Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5218CDW Datasheet(PDF) 10 Page - A1 PROs co., Ltd.

Part # IMP5218CDW
Description  9--Liine Pllug and Pllay SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5218CDW Datasheet(HTML) 10 Page - A1 PROs co., Ltd.

Back Button IMP5218CDW Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 6Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 7Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 8Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 9Page - A1 PROs co., Ltd. IMP5218CDW Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© 2000 IMP, Inc.
Printed in USA
Publication #: 7011
Revision:
D
Issue Date:
07/31/00
Type:
Preliminary
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
)
n
i
P
-
6
1
(
B
W
O
S
A3
9
0
.
04
0
1
.
05
3
.
25
6
.
2
1
A4
0
0
.
02
1
0
.
00
1
.
00
3
.
0
B3
1
0
.
00
2
0
.
03
3
.
01
5
.
0
C9
0
0
.
03
1
0
.
03
2
.
02
3
.
0
D8
9
3
.
03
1
4
.
00
1
.
0
10
5
.
0
1
E1
9
2
.
09
9
2
.
00
4
.
70
6
.
7
eC
S
B
5
0
.
0C
S
B
7
2
.
1
H4
9
3
.
09
1
4
.
00
0
.
0
15
6
.
0
1
L6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
M
°
0
°
8
°
0
°
8
C
L
*
—
4
0
0
.
0
—
0
1
.
0
)
n
i
P
-
0
2
(
P
O
S
S
T
A3
3
0
.
07
3
0
.
0
—
0
9
.
0
B7
0
0
.
02
1
0
.
08
1
.
00
3
.
0
C5
3
0
0
.
08
0
0
.
00
9
.
00
8
1
.
0
D2
5
2
.
00
6
2
.
00
4
.
60
6
.
6
E9
6
1
.
07
7
1
.
00
3
.
48
4
.
4
FC
S
B
5
2
0
.
0C
S
B
5
6
.
0
G2
0
0
.
05
0
0
.
05
0
.
05
1
.
0
H
—
3
3
4
0
.
0
—
0
1
.
1
L0
2
0
.
08
2
0
.
00
5
.
00
7
.
0
M
°
0
°
8
°
0
°
8
P6
4
2
.
06
5
2
.
05
2
.
60
5
.
6
C
L
*
—
4
0
0
.
0
—
0
1
.
0
y
t
i
r
a
n
a
l
p
o
C
d
a
e
L
*
_
_
_
_
_
_
_
_
_
_
_
g
n
i
w
a
r
D
C
E
D
E
J
*
3
t
a
.
6
0
t
_
8
1
2
5
H
E
eB
D
A1
A
L
M
C
16-Pin (SOWB).eps
Package Dimensions
SOWB (16-Pin)
3
2
1
EP
D
SEATING PLANE
B
G
A
H
F
E
L
20-Pin (TSSOP).eps
C
M
TSSOP (20-Pin)
IMP5
IMP511111/5
1/5111122
IMP52
IMP521188
IMP, Inc.
Corporate Headquarters
2830 N. First Street
San Jose, CA 95134-2071
Tel: 408-432-9100
Fax: 408-432-1085
e-mail: info@impinc.com
http://www.impweb.com
The IMP logo is a registered trademark of IMP, Inc.
All other company and product names are trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com