Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA018BV Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA018BV
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA018BV Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA018BV Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA018BV Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excelics
EPA018BV
DATA SHEET
High Efficiency Heterojunction Power FET
•• VERY HIGH fmax: 120GHz
•• +20.0dBm TYPICAL OUTPUT POWER
•• 13.0dB TYPICAL POWER GAIN AT 18 GHz
•• TYPICAL 0.75dB NOISE FIGURE AND 12.5dB ASSOCIATED
GAIN AT 12GHz
•• 0.3 X 180 MICRON RECESSED “MUSHROOM” GATE
•• Si
3N4 PASSIVATION AND VIA HOLE GROUNDING
•• ADVANCED EPITAXIAL HETEROJUNCTION
PROFILE PROVIDES EXTRA HIGH POWER
EFFICIENCY, AND HIGH RELIABILITY
•• Idss SORTED IN 5 mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=6V, Ids=50% Idss
f=18GHz
18.0
20.0*
20.0*
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=6V, Ids=50% Idss
f=18GHz
13.0
14.5
13.0
dB
PAE
Power Added Efficiency at 1dB Compression
Vds=6V, Ids=50% Idss
f=12Ghz
48
%
NF
Noise Figure
f=12GHz
Vds=2V, Ids=15mA
0.75
dB
Ga
Associated Gain
f=12GHz
Vds=2V, Ids=15mA
12.5
dB
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
30
55
80
mA
Gm
Transconductance
Vds=3V, Vgs=0V
35
60
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=1.0mA
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage
Igd=0.5mA
-9
-15
V
BVgs
Source Breakdown Voltage
Igs=0.5mA
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
140
oC/W
* P1dB = 21.5dBm can be obtained with 8v/50% Idss bias. Consult factory for wafer selection.
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
6V
Vgs
Gate-Source Voltage
-8V
-3V
Ids
Drain Current
Idss
Idss
Igsf
Forward Gate Current
9mA
1.5mA
Pin
Input Power
16dBm
@3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
950mW
800mW
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
: Via Hole
Chip Thickness: 75
± 13 microns
All Dimensions In Microns


Similar Part No. - EPA018BV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA018BV-70SC EXCELICS-EPA018BV-70SC Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA018BV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com