Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA018BV Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPA018BV
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA018BV Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPA018BV Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA018BV Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPA018BV
DATA SHEET
High Efficiency Heterojunction Power FET
S-PARAMETERS
S-PARAMETERS
2V, 15mA
6V, 1/2 Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.985
-12.3
5.362
169.7
0.017
82.3
0.710
-5.8
1
0.984
-14.6
5.256
168.2
0.012
78.66
0.836
-3.94
2.0
0.979
-24.4
5.277
161.4
0.034
75.5
0.702
-11.8
2
0.975
-28.9
5.134
158.5
0.021
74.5
0.828
-7.92
3.0
0.964
-36.4
5.158
152.7
0.048
67.6
0.683
-17.8
3
0.952
-42.8
4.956
148.7
0.031
66.46
0.813
-11.8
4.0
0.957
-48.5
5.038
144.1
0.063
60.7
0.661
-23.8
4
0.938
-56.6
4.783
139
0.039
59.32
0.795
-15.5
5.0
0.933
-60.2
4.943
136.1
0.076
54.2
0.644
-30.3
5
0.911
-70.2
4.638
129.8
0.047
52.76
0.777
-19.5
6.0
0.920
-69.9
4.746
128.3
0.087
47.8
0.613
-36.1
6
0.891
-80.8
4.374
121.6
0.053
46.88
0.755
-23
7.0
0.915
-79.1
4.563
120.7
0.097
41.7
0.573
-41.5
7
0.882
-90.5
4.142
113.8
0.057
41.16
0.731
-26.3
8.0
0.902
-87.1
4.374
113.6
0.105
35.9
0.527
-47.8
8
0.866
-98.7
3.931
106.7
0.061
35.57
0.702
-30.2
9.0
0.892
-95.4
4.198
106.2
0.112
29.3
0.478
-54.7
9
0.856
-107
3.751
99.4
0.065
30.97
0.671
-34.3
10.0
0.864 -104.9 4.040
98.6
0.119
22.8
0.430
-63.5
10
0.831
-116
3.596
91.83
0.068
24.54
0.638
-39.1
11.0
0.843 -115.7 3.858
90.8
0.123
16.3
0.391
-72.2
11
0.817
-127
3.428
83.74
0.07
18.87
0.613
-43.8
12.0
0.825 -127.6 3.643
83.1
0.126
9.6
0.354
-79.8
12
0.806
-138
3.214
75.82
0.07
13.05
0.589
-47.8
13.0
0.822 -138.3 3.408
75.7
0.128
3.8
0.318
-86.2
13
0.81
-148
2.992
68.49
0.07
8.4
0.57
-51.2
14.0
0.808 -147.8 3.179
68.9
0.127
-2.5
0.288
-93.9
14
0.802
-157
2.794
61.66
0.069
2.96
0.551
-55.3
15.0
0.806 -158.2 2.984
62.4
0.127
-7.5
0.273
-99.4
15
0.807
-167
2.614
55.19
0.069
-0.85
0.544
-58.5
16.0
0.808 -168.9 2.805
56.0
0.125
-12.4
0.263 -102.7
16
0.81
-177
2.439
48.26
0.068
-3.99
0.543
-60.5
17.0
0.814 -178.1 2.619
50.2
0.125
-16.3
0.248 -102.3
17
0.818
174.2
2.264
42.45
0.067
-6.76
0.547
-60.9
18.0
0.823
175.9
2.490
44.9
0.126
-20.0
0.221 -105.1
18
0.823
168.7
2.144
37.22
0.069
-9.38
0.536
-62
19.0
0.809
170.2
2.415
40.0
0.129
-23.5
0.202 -108.8
19
0.809
163.2
2.082
32.49
0.072
-11.2
0.533
-63.7
20.0
0.806
162.6
2.375
33.9
0.134
-27.8
0.183 -115.1
20
0.805
155.7
2.052
26.57
0.075
-13.6
0.525
-65.5
21.0
0.792
169.1
2.314
31.0
0.138
-29.0
0.137 -146.1
21
0.791
163
2.07
24.17
0.081
-13.6
0.471
-74.5
22.0
0.813
163.4
2.207
25.5
0.137
-33.0
0.131 -169.8
22
0.818
158
2.01
18.33
0.082
-17.4
0.439
-80.4
23.0
0.788
160.3
2.085
20.2
0.136
-36.6
0.153
171.0
23
0.796
155.5
1.933
12.63
0.083
-19.6
0.415
-90.3
24.0
0.787
153.7
1.994
14.3
0.135
-40.8
0.192
156.4
24
0.804
149
1.883
5.46
0.085
-22.8
0.392
-102
25.0
0.774
147.2
1.877
8.4
0.131
-44.9
0.227
151.5
25
0.789
143
1.777
-1.34
0.083
-26.6
0.393
-113
26.0
0.789
139.7
1.749
3.0
0.126
-49.3
0.240
144.9
26
0.817
136
1.665
-7.64
0.083
-30.4
0.387
-121
27.0
0.798
138.7
1.635
-1.5
0.121
-51.6
0.251
137.6
27
0.831
135
1.578
-12.8
0.078
-30.7
0.381
-129
28.0
0.817
136.4
1.524
-6.3
0.117
-54.5
0.272
128.0
28
0.842
133.2
1.477
-18.7
0.077
-32.9
0.369
-141
29.0
0.823
136.5
1.447
-11.0
0.113
-57.6
0.308
121.7
29
0.854
133.3
1.417
-24.7
0.075
-36.3
0.379
-155
30.0
0.814
133.7
1.363
-15.6
0.110
-62.0
0.335
116.4
30
0.845
130.6
1.342
-30.7
0.072
-38.4
0.394
-167
31.0
0.819
131.4
1.279
-19.6
0.104
-65.3
0.359
114.8
31
0.844
128.2
1.256
-36.4
0.071
-41.7
0.424
-176
32.0
0.807
128.7
1.206
-23.7
0.100
-68.4
0.375
113.1
32
0.836
125.4
1.176
-41.5
0.067
-46.1
0.441
177.8
33.0
0.817
126.1
1.153
-27.3
0.099
-71.5
0.390
113.0
33
0.847
123.2
1.115
-46.2
0.065
-50.1
0.465
172.9
34.0
0.815
122.9
1.096
-30.3
0.098
-74.7
0.402
111.5
34
0.844
120.1
1.06
-50.5
0.063
-53.6
0.483
168.6
35.0
0.838
120.4
1.054
-33.2
0.095
-79.5
0.423
112.2
35
0.87
117.6
1.011
-54.7
0.062
-55.9
0.51
165.4
36.0
0.828
118.5
1.026
-36.7
0.099
-82.1
0.437
109.7
36
0.862
115.5
0.981
-58.9
0.063
-60.3
0.521
161
37.0
0.854
113.2
1.016
-40.4
0.103
-88.7
0.463
107.9
37
0.889
110
0.97
-64
0.066
-64.1
0.547
157.5
38.0
0.843
111.0
0.983
-44.8
0.108
-93.4
0.474
102.8
38
0.872
107.6
0.937
-69
0.07
-70.2
0.557
151.7
39.0
0.861
109.2
0.958
-49.2
0.113
-99.1
0.497
98.0
39
0.886
105.5
0.917
-74.7
0.075
-75.9
0.576
143.4
40.0
0.848
109.9
0.921
-54.1
0.114
-105.4 0.527
89.5
40
0.876
106.2
0.892
-81.4
0.084
-86.4
0.592
131.2
Note:
The data included 0.7 mils diameter Au bonding wires:
1 gate wire, 15 mils each; 1 drain wire, 20 mils each.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com