Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP8980DC Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # IMP8980DC
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP8980DC Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  IMP8980DC Datasheet HTML 1Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 2Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 3Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 4Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 5Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 6Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 7Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 8Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Figure 6 - Connection Memory Low Bits
switch and a second IMP8980D for
communication with the line interface
circuits.
A larger digital switching system may be
designed by cascading a number of
IMP8980Ds. Figure 9 shows four
IMP8980Ds arranged in a non-blocking
configuration which can switch any
channel on any of the ST-BUS inputs to
any channel on the ST-BUS outputs.
Application Circuit with 6802
Processor
Figure 10 shows an example of a
complete circuit which may be used to
evaluate the chip.
For convenience, a 4MHz crystal
oscillator has been used rather than a
4.096MHz clock, as both are within the
limits of the chip’s specifications. The RC
delay used with the 393 counters ensures a
sufficient hold time for the FP signal, but
the values used may have to be changed if
faster 393 counters become available.The
chip is shown as memory mapped into the
MEK6802D3 system. Chip addresses
00-3F correspond to processor addresses
2000-203F. Delay through the address
decoder requires the VMA signal to be
used twice to remove glitches. The
MEK6802D3 board uses a 10K
Ω pullup
on the MR pin, which would have to be
incorporated into the circuit if the board
was replaced by a processor.
76
54
32
10
Channel
Address
Bits
Stream
Address
Bits
BIT
NAME
DESCRIPTION
7-5*
Stream *
The number expressed in binary notation on these 3 bits is
Address
the number of the ST-BUS stream for the source of the connection.
Bits
Bit 7 is the most significant bit. e.g., if bit 7 is 1, bit 6 is 0 and bit 5
is 0, then the source of the connection is a channel on STi4.
4-0*
Channel
The number expressed in binary notation on these 5 bits is
Address
the number of the channel which is the source of the connection
Bits*
(The ST-BUS stream where the channel lies is defined by bits 7,
6 and 5.). Bit 4 is the most significant bit. e.g., if bit 4 is 1, bit 3 is
0, bit 2 is 0, bit 1 is 1 and bit 0 is 1, then the source of the
connection is channel 19.
* If bit 2 of the corresponding Connection High location is 1 or if bit 6 of the Control Register is 1,
then the entire 8 bits are output on the channel and stream associated with this location.
Otherwise, the bits are used as indicated to define the source of the connection which is
output on the channel and stream associated with this location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com