Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP8980DC Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP8980DC
Description  PCM Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP8980DC Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP8980DC Datasheet HTML 1Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 2Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 3Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 4Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 5Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 6Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 7Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 8Page - A1 PROs co., Ltd. IMP8980DC Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IMP8980D
PCM Digital Switch
Figure 1 Functional Block Diagram
General Description
This CMOS device is designed for
switching PCM-encoded voice or data,
under microprocessor control, in a modern
digital exchange, PBX or Central Office. It
provides simultaneous connections for up
to 256 64kbit/s channels. Each of the eight
serial inputs and outputs consist of 32
64kbit/s channels multiplexed to form a
2048kbit/s ST-BUS stream. In addition,
the IMP8980D provides microprocessor
read and write access to individual
ST-BUS (Serial Telecom Bus) channels.
Features
♦ ST-BUS compatible
♦ 8-line x 32-channel inputs
♦ 8-line x 32-channel outputs
♦ 256 ports non-blocking switch
♦ Single power supply (+5V)
♦ 30mW power consumption
♦ Microprocessor-control interface
♦ Pin-compatible with Mitel MT8980
Functional Description
The ST-BUS architecture can be used
both in software-controlled digital voice
and data switching.
The ST-Bus serial streams operate
continuously at 2048kbit/s and are
arranged in 125
µs wide frames which
contain 32 8-bit channels.
The IMP8980D can switch data from
channels on ST-BUS inputs to channels on
ST-BUS outputs and simultaneously
allows its controlling microprocessor to
read channels on ST-BUS inputs or write
to channels on ST-BUS outputs (Message
Mode). To the microprocessor, the
IMP8980D looks like a memory periph-
eral. The microprocessor can write to the
IMP8980D to establish switched connec-
tions between input ST-BUS channels and
output ST-BUS channels or to transmit
messages on output ST-BUS channels. By
reading from the IMP8980D, the micro-
processor can receive messages from
ST-BUS input channels or check which
Serial
to
Parallel
Converter
Frame
Counter
Control Register
Control Interface
Output
MUX
Connection
Memory
Parallel
to
Serial
Converter
ODE
STi0
STi1
STi2
STi3
STi4
STi5
STi6
STi7
STo0
STo1
STo2
STo3
STo4
STo5
STo6
STo7
DS
CS
R/W
A5/
A0
DTA
D7/
D0
CSTo
C4i
F0i
VDD
VSS
Data
Memory
ISO 9001 Registered
®


Similar Part No. - IMP8980DC

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP8980DC IMP-IMP8980DC Datasheet
136Kb / 14P
PCM Digital Switch
More results

Similar Description - IMP8980DC

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8731KV ROHM-BU8731KV Datasheet
240Kb / 11P
PCM codec IC for digital cellular telephones
BU8733KV ROHM-BU8733KV Datasheet
235Kb / 11P
PCM codec IC for digital cellular telephones
logo
Zarlink Semiconductor I...
MT8981D ZARLINK-MT8981D Datasheet
561Kb / 17P
Digital Switch
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
PCM Digital Switch
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
PCM Digital Switch
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
PCM CODEC for Digital cellular phones
logo
Ultralife Corporation.
UBP053450 ULTRALIFE-UBP053450 Datasheet
286Kb / 2P
PCM
Rev: U
UBP103450 ULTRALIFE-UBP103450 Datasheet
466Kb / 2P
PCM
Rev: L
logo
Renesas Technology Corp
HC-5560 RENESAS-HC-5560 Datasheet
546Kb / 10P
PCM Transcoder
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com