Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT2235 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ACT2235
Description  1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2235 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT2235 Datasheet HTML 1Page - Texas Instruments SN74ACT2235 Datasheet HTML 2Page - Texas Instruments SN74ACT2235 Datasheet HTML 3Page - Texas Instruments SN74ACT2235 Datasheet HTML 4Page - Texas Instruments SN74ACT2235 Datasheet HTML 5Page - Texas Instruments SN74ACT2235 Datasheet HTML 6Page - Texas Instruments SN74ACT2235 Datasheet HTML 7Page - Texas Instruments SN74ACT2235 Datasheet HTML 8Page - Texas Instruments SN74ACT2235 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN74ACT2235
1024
× 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS148F – DECEMBER 1990 – REVISED JUNE 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL†
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AF/AEA
AF/AEB
15
30
O
Almost full/almost empty flags. The almost-full/almost-empty A flag (AF/AEA) is defined by the
almost-full/almost-empty offset value for FIFO A (X). AF/AEA is high when FIFO A contains X or fewer words
or 1024 – X words. AF/AEA is low when FIFO A contains between (X + 1) or (1023 – X) words. The operation
of the almost-full/almost-empty B flag (AF/AEB) is the same as AF/AEA for FIFO B.
A0–A8
4–8,
10–13
I/O
A-data inputs and outputs
B0–B8
32–35,
37–41
I/O
B-data inputs and outputs
DAF
DBF
21
24
I
Define-flag inputs. The high-to-low transition of DAF stores the binary value on A0–A8 as the
almost-full/almost-empty offset value for FIFO A (X). The high-to-low transition of DBF stores the binary value
of B0–B8 as the almost-full/almost-empty offset value for FIFO B (Y).
EMPTYA
EMPTYB
25
20
O
Empty flags. EMPTYA and EMPTYB are low when their corresponding memories are empty and high when
they are not empty.
FULLA
FULLB
18
27
O
Full flags. FULLA and FULLB are low when their corresponding memories are full and high when they are
not full.
HFA
HFB
16
29
O
Half-full flags. HFA and HFB are high when their corresponding memories contain 512 or more words and
low when they contain 511 or fewer words.
LDCKA
LDCKB
17
28
I
Load clocks. Data on A0–A8 is written into FIFO A on a low-to-high transition of LDCKA. Data on B0–B8 is
written into FIFO B on a low-to-high transition of LDCKB. When the FIFOs are full, LDCKA and LDCKB have
no effect on the data residing in memory.
GAB
GBA
43
2
I
Output enables. GAB, GBA control the transceiver functions. When GBA is low, A0–A8 are in the
high-impedance state. When GAB is low, B0–B8 are in the high-impedance state.
RSTA
RSTB
22
23
I
Reset. A reset is accomplished in each direction by taking RSTA and RSTB low. This sets EMPTYA,
EMPTYB, FULLA, FULLB, and AF/AEB high. Both FIFOs must be reset upon power up.
SAB
SBA
44
1
I
Select-control inputs. SAB and SBA select whether real-time or stored data is transferred. A low level selects
real-time data and a high level selects stored data. Eight fundamental bus-management functions can be
performed as shown in Figure 2.
UNCKA
UNCKB
26
19
I
Unload clocks. Data in FIFO A is read to B0–B8 on a low-to-high transition of UNCKA. Data in FIFO B is read
to A0–A8 on a low-to-high transition of UNCKB. When the FIFOs are empty, UNCKA and UNCKB have no
effect on data residing in memory.
† Terminals listed are for the FN package.
programming procedure for AF/AEA
The almost-full/almost-empty flags (AF/AEA, AF/AEB) are programmed during each reset cycle. The
almost-full/almost-empty offset value for FIFO A (X) and for FIFO B (Y) is either a user-defined value or the
default values of X = 256 and Y = 256. Below are instructions to program AF/AEA using both methods. AF/AEB
is programmed in the same manner for FIFO B.
user-defined X
Take DAF from high to low. This stores A0–A8 as X.
If RSTA is not already low, take RSTA low.
With DAF held low, take RSTA high. This defines AF/AEA using X.
To retain the current offset for the next reset, keep DAF low.
default X
To redefine AF/AE using the default value of X = 256, hold DAF high during the reset cycle.Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com