Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT2235 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74ACT2235
Description  1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2235 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ACT2235 Datasheet HTML 5Page - Texas Instruments SN74ACT2235 Datasheet HTML 6Page - Texas Instruments SN74ACT2235 Datasheet HTML 7Page - Texas Instruments SN74ACT2235 Datasheet HTML 8Page - Texas Instruments SN74ACT2235 Datasheet HTML 9Page - Texas Instruments SN74ACT2235 Datasheet HTML 10Page - Texas Instruments SN74ACT2235 Datasheet HTML 11Page - Texas Instruments SN74ACT2235 Datasheet HTML 12Page - Texas Instruments SN74ACT2235 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SN74ACT2235
1024
× 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS148F – DECEMBER 1990 – REVISED JUNE 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = –8 mA
2.4
V
VOL
Flags
VCC = 4.5 V,
IOL = 8 mA
0.5
V
VOL
I/O ports
VCC = 4.5 V,
IOL = 16 mA
0.5
V
II
VCC = 5.5 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 5.5 V,
VO = VCC or 0
±5
µA
ICC‡
VI = VCC – 0.2 V or 0
10
400
µA
∆ICC§
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1
mA
Ci
VI = 0,
f = 1 MHz
4
pF
Co
VO = 0,
f = 1 MHz
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ ICC is tested with outputs open.
§ This is the supply current when each input is at one of the specified TTL voltage levels, rather than 0 V or VCC.
timing requirements over recommended operating conditions (unless otherwise noted) (see
Figure 3)
’ACT2235-20
’ACT2235-30
’ACT2235-40
’ACT2235-60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
f lk
Clock frequency
LDCKA or LDCKB
50
33
25
16.7
MHz
fclock
Clock frequency
UNCKA or UNCKB
50
33
25
16.7
MHz
RSTA or RSTB low
20
20
25
25
LDCKA or LDCKB low
8
10
14
20
t
Pulse duration
LDCKA or LDCKB high
8
10
14
20
ns
tw
Pulse duration
UNCKA or UNCKB low
8
10
14
20
ns
UNCKA or UNCKB high
8
10
14
20
DAF or DBF high
10
10
10
10
Data before LDCKA
or LDCKB
↑
4
4
5
5
Define AF/AE:
D0–D8 before DAF or DBF
↓
5
5
5
5
tsu
Setup time
Define AF/AE: DAF or DBF
↓
before RSTA or RSTB
↑
7
7
7
7
ns
Define AF/AE (default):
DAF or DBF high before
RSTA or RSTB
↑
5
5
5
5
RSTA or RSTB inactive (high)
before LDCKA or LDCKB
↑
5
5
5
5
Data after LDCKA or LDCKB
↑
1
1
2
2
Define AF/AE: D0–D8
after DAF or DBF
↓
0
0
0
0
th
Hold time
Define AF/AE: DAF or DBF low
after RSTA or RSTB
↑
0
0
0
0
ns
Define AF/AE (default):
DAF or DBF high after
RSTA or RSTB
↑
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com