Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7808PM Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT7808PM
Description  2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7808PM Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT7808PM Datasheet HTML 1Page - Texas Instruments SN74ACT7808PM Datasheet HTML 2Page - Texas Instruments SN74ACT7808PM Datasheet HTML 3Page - Texas Instruments SN74ACT7808PM Datasheet HTML 4Page - Texas Instruments SN74ACT7808PM Datasheet HTML 5Page - Texas Instruments SN74ACT7808PM Datasheet HTML 6Page - Texas Instruments SN74ACT7808PM Datasheet HTML 7Page - Texas Instruments SN74ACT7808PM Datasheet HTML 8Page - Texas Instruments SN74ACT7808PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74ACT7808
2048
× 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS205D – FEBRUARY 1991 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Load Clocks and Unload Clocks Can Be
Asynchronous or Coincident
D 2048 Words by 9 Bits
D Low-Power Advanced CMOS Technology
D Fast Access Times of 15 ns With a 50-pF
Load
D Programmable Almost-Full/Almost-Empty
Flag
D Expansion Logic for Depth Cascading
D Empty, Full, and Half-Full Flags
D Fall-Through Time of 20 ns Typical
D Data Rates up to 50 MHz
D 3-State Outputs
D Package Options Include 44-Pin Plastic
Leaded Chip Carrier (FN), 64-Pin Thin Quad
Flat (PM), and Reduced-Height 64-Pin Quad
Flat (PAG) Packages
description
A FIFO memory is a storage device that allows data to be written into and read from its array at independent
data rates. The SN74ACT7808 is a 2048-word by 9-bit FIFO designed for high speed and fast access times.
It processes data at rates up to 50 MHz and access times of 15 ns in a bit-parallel format.
Data is written into memory on a low-to-high transition at the load-clock (LDCK) input and is read out on a
low-to-high transition at the unload-clock (UNCK) input. The memory is full when the number of words clocked
in exceeds the number of words clocked out by 2048. When the memory is full, LDCK signals have no effect
on the data residing in memory. When the memory is empty, UNCK signals have no effect.
Status of the FIFO memory is monitored by the full (FULL), empty (EMPTY), half-full (HF), and
almost-full/almost-empty (AF/AE) flags. The FULL output is low when the memory is full and high when the
memory is not full. The EMPTY output is low when the memory is empty and high when it is not empty. The HF
output is high when the FIFO contains 1024 or more words and is low when it contains 1023 or fewer words.
The AF/AE status flag is a programmable flag. The first one or two low-to-high transitions of LDCK after reset
can be used to program the almost-empty offset value (X) and the almost-full offset value (Y) if program enable
(PEN) is low. The AF/AE flag is high when the FIFO contains X or fewer words or (2048 – Y) or more words.
The AF/AE flag is low when the FIFO contains between (X + 1) and (2047 – Y) words.
A low level on the reset (RESET) input resets the internal stack pointers and sets FULL high, AF/AE high, HF
low, and EMPTY low. The Q outputs are not reset to any specific logic level.
The first word loaded into empty memory causes EMPTY to go high and the data to appear on the Q outputs.
It is important to note that the first word does not have to be unloaded. Data outputs are noninverting with respect
to the data inputs and are in the high-impedance state when the output-enable (OE) input is low. OE does not
affect the output flags.
Cascading is easily accomplished in the word-width and word-depth directions. When not using the FIFO in
depth expansion, cascade enable (CASEN) must be tied high.
The FIFO must be reset upon power up.
The SN74ACT7808 is characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ACT7808PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7808 TI-SN74ACT7808 Datasheet
293Kb / 18P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808-20FN TI-SN74ACT7808-20FN Datasheet
293Kb / 18P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808-20PAG TI-SN74ACT7808-20PAG Datasheet
293Kb / 18P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808-20PM TI-SN74ACT7808-20PM Datasheet
293Kb / 18P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808-25FN TI-SN74ACT7808-25FN Datasheet
293Kb / 18P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT7808PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI-SN74ACT7807 Datasheet
203Kb / 15P
2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808_07 Datasheet
293Kb / 18P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802 TI-SN74ACT7802_06 Datasheet
224Kb / 15P
1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI1-SN74ACT7807_15 Datasheet
282Kb / 19P
2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com