Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7808PM Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74ACT7808PM
Description  2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7808PM Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ACT7808PM Datasheet HTML 5Page - Texas Instruments SN74ACT7808PM Datasheet HTML 6Page - Texas Instruments SN74ACT7808PM Datasheet HTML 7Page - Texas Instruments SN74ACT7808PM Datasheet HTML 8Page - Texas Instruments SN74ACT7808PM Datasheet HTML 9Page - Texas Instruments SN74ACT7808PM Datasheet HTML 10Page - Texas Instruments SN74ACT7808PM Datasheet HTML 11Page - Texas Instruments SN74ACT7808PM Datasheet HTML 12Page - Texas Instruments SN74ACT7808PM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SN74ACT7808
2048
× 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS205D – FEBRUARY 1991 – REVISED APRIL 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (unless otherwise noted) (see
Figures 1 through 3)
’ACT7808-20
’ACT7808-25
’ACT7808-30
’ACT7808-40
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
50
40
33.3
25
MHz
LDCK high or low
8
9
11
13
t
Pulse duration
UNCK high or low
8
9
11
13
ns
tw
Pulse duration
PEN low
9
9
11
13
ns
RESET low
10
13
16
19
D0–D8, DP9 before LDCK
↑
5
5
5
5
tsu
Setup time
LDCK inactive
before RESET high
5
5
5
5
ns
PEN before LDCK
↑
5
5
5
5
D0–D8, DP9 after LDCK
↑
0
0
0
0
th
Hold time
LDCK inactive
after RESET high
5
5
5
5
ns
h
PEN low after LDCK
↑
4
4
4
4
PEN high after LDCK low
0
0
0
0
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
TO
’ACT7808-20
’ACT7808-25
’ACT7808-30
’ACT7808-40
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
LDCK or UNCK
50
40
33.3
25
MHz
t
LDCK
↑
Any Q
5
20
5
22
5
25
5
28
ns
tpd
UNCK
↑
Any Q
4.5
11
15
4.5
18
4.5
20
4.5
22
ns
tpd‡
UNCK
↑
Any Q
10
ns
tPLH
LDCK
↑
EMPTY
4
15
4
17
4
19
4
21
ns
UNCK
↑
EMPTY
2
15
2
17
2
19
2
21
tPHL
RESET low
EMPTY
2
16
2
18
2
20
2
22
ns
PHL
LDCK
↑
FULL
4
15
4
17
4
19
4
21
tPLH
UNCK
↑
FULL
4
14
4
16
4
18
4
20
ns
tPLH
RESET low
FULL
2
18
2
20
2
22
2
24
ns
t d
LDCK
↑
AF/AE
2
16
2
18
2
20
2
22
ns
tpd
UNCK
↑
AF/AE
2
16
2
18
2
20
2
22
ns
tPLH
RESET low
AF/AE
0
10
0
12
0
14
0
16
ns
tPLH
LDCK
↑
HF
2
19
2
21
2
23
2
25
ns
tPHL
UNCK
↑
HF
2
16
2
18
2
20
2
22
ns
tPHL
RESET low
HF
2
12
2
14
2
16
2
18
ns
tPLH
UNCK
↑
XO
2
11
2
13
2
15
2
17
ns
tPHL
LDCK
↑
XO
2
11
2
13
2
15
2
17
ns
ten
OE
Any Q
1
10
1
12
1
14
1
16
ns
tdis
OE
Any Q
1
9
1
11
1
13
1
15
ns
ten
XI high
Any Q
3
13
3
15
3
17
3
19
ns
tdis
XO high
Any Q
4
4
4
4
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter is measured with CL = 30 pF (see Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com