Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS233B Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ALS233B
Description  16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS233B Datasheet(HTML) 5 Page - Texas Instruments

  SN74ALS233B Datasheet HTML 1Page - Texas Instruments SN74ALS233B Datasheet HTML 2Page - Texas Instruments SN74ALS233B Datasheet HTML 3Page - Texas Instruments SN74ALS233B Datasheet HTML 4Page - Texas Instruments SN74ALS233B Datasheet HTML 5Page - Texas Instruments SN74ALS233B Datasheet HTML 6Page - Texas Instruments SN74ALS233B Datasheet HTML 7Page - Texas Instruments SN74ALS233B Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74ALS233B
16
× 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SCAS253B – MARCH 1990 – REVISED APRIL 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High level output current
Q outputs
–1.6
mA
IOH
High-level output current
Status flags
–0.4
mA
IOL
Low level output current
Q outputs
24
mA
IOL
Low-level output current
Status flags
8
mA
TA
Operating free-air temperature
0
70
°C
NOTE 2: To ensure proper operation of this high-speed FIFO device, it is necessary to provide a clean signal to the LDCK and UNCK clock inputs.
Any excessive noise or glitching on the clock inputs that violates the VIL, VIH, or minimum pulse duration limits can cause a false clock
or improper operation of the internal read and write pointers.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
Q outputs
VCC = 4.5 V,
IOH = –2.6 mA
2.4
3.2
V
VOH
Status flags
VCC = 4.5 V to 5.5 V,
IOH = –0.4 mA
VCC–2
V
Q outputs
VCC =4 5V
IOL = 12 mA
0.25
0.4
VOL
Q outputs
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
VOL
Status flags
VCC =4 5V
IOL = 4 mA
0.25
0.4
V
Status flags
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
–0.2
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC = 5.5 V
88
133
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com