Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS236FN Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ALS236FN
Description  64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS236FN Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ALS236FN Datasheet HTML 3Page - Texas Instruments SN74ALS236FN Datasheet HTML 4Page - Texas Instruments SN74ALS236FN Datasheet HTML 5Page - Texas Instruments SN74ALS236FN Datasheet HTML 6Page - Texas Instruments SN74ALS236FN Datasheet HTML 7Page - Texas Instruments SN74ALS236FN Datasheet HTML 8Page - Texas Instruments SN74ALS236FN Datasheet HTML 9Page - Texas Instruments SN74ALS236FN Datasheet HTML 10Page - Texas Instruments SN74ALS236FN Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN74ALS236
64
× 4
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SDAS107C – OCTOBER 1986 – REVISED APRIL 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figure 5)
PARAMETER
FROM
TO
MIN
TYP†
MAX
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
UNIT
f
SI
35
30
MHz
fmax
SO
35
30
MHz
tw‡
IR high
15
8
ns
tw§
OR high
19
8
ns
td(QV-ORH)
Q valid before OR
↑
6
9
–5
12
ns
td(SOL-QX)
Q valid after SO
↓
13
4
ns
tpd
SI
↓
Q
600
800
350
1000
ns
tPHL
SI
↑
IR
20
26
8
30
ns
tPLH
SI
↓
IR
16
21
6
25
ns
tPLH¶
SI
↓
OR
600
800
350
1000
ns
tpd
SO
↓
Q
13
17
4
22
ns
tPHL
SO
↑
OR
23
27
7
33
ns
tPLH
SO
↓
OR
20
24
6
30
ns
tPLH¶
SO
↓
IR
600
800
350
1000
ns
tPHL
RST
↓
OR
22
26
10
34
ns
tPLH
RST
↓
IR
17
21
6
27
ns
tPHL
RST
↓
Q
14
14
17
5
19
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The IR output pulse occurs when the FIFO is full, SI is high, and SO is pulsed (see Figure 4).
§ The OR output pulse occurs when the FIFO is empty, SO is high, and SI is pulsed (see Figure 3).
¶ Data throughput or fall-through times



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com