Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS236FN Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS236FN
Description  64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS236FN Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS236FN Datasheet HTML 1Page - Texas Instruments SN74ALS236FN Datasheet HTML 2Page - Texas Instruments SN74ALS236FN Datasheet HTML 3Page - Texas Instruments SN74ALS236FN Datasheet HTML 4Page - Texas Instruments SN74ALS236FN Datasheet HTML 5Page - Texas Instruments SN74ALS236FN Datasheet HTML 6Page - Texas Instruments SN74ALS236FN Datasheet HTML 7Page - Texas Instruments SN74ALS236FN Datasheet HTML 8Page - Texas Instruments SN74ALS236FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74ALS236
64
× 4
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SDAS107C – OCTOBER 1986 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Asynchronous Operation
D Organized as 64 Words by 4 Bits
D Data Rates up to 30 MHz
D 3-State Outputs
D Package Options Include Plastic
Small-Outline Package (DW), Plastic
J-Leaded Chip Carriers (FN), and Standard
Plastic 300-mil DIPs (N)
description
The SN74ALS236 is a 256-bit memory utilizing
advanced
low-power
Schottky
IMPACT
™
technology. It features high speed with fast
fall-through times and is organized as 64 words by
4 bits.
A first-in, first-out (FIFO) memory is a storage
device that allows data to be written into and read
from its array at independent data rates. The
SN74ALS236 is designed to process data at rates
up to 30 MHz in a bit-parallel format, word by
word.
Data is written into memory on the rising edge of
the shift-in (SI) input. When SI goes low, the first
data word ripples through to the output (see
Figure 1). As the FIFO fills up, the data words
stack up in the order they were written. When the
FIFO is full, additional shift-in pulses have no
effect. Data is shifted out of memory on the falling
edge of the shift-out (SO) input (see Figure 2). When the FIFO is empty, additional SO pulses have no effect.
The last data word remains at the outputs until a new word falls through or reset (RST) goes low.
Status of the SN74ALS236 FIFO memory is monitored by the output-ready (OR) and input-ready (IR) flags.
When OR is high, valid data is available at the outputs. OR is low when SO is high and stays low when the FIFO
is empty. IR is high when the inputs are ready to receive more data. IR is low when SI is high and stays low when
the FIFO is full.
When the FIFO is empty, input data is shifted to the output automatically when SI goes low. If SO is held high
during this time, the OR flag pulses high, indicating valid data at the outputs (see Figure 3).
When the FIFO is full, data is shifted in automatically by holding SI high and taking SO low. One propagation
delay after SO goes low, IR goes high. If SI is still high when IR goes high, data at the inputs is automatically
shifted in. Since IR is normally low when the FIFO is full and SI is high, only a high-level pulse is seen on the
IR output (see Figure 4).
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
IMPACT is a trademark of Texas Instruments Incorporated.
NC
IR
SI
D0
D1
D2
D3
GND
DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
OR
Q0
NC
Q1
Q2
SI
D0
NC
D1
D2
FN PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
SO
OR
Q0
Q1
Q2
Q3
RST
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ALS236FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS230 TI-SN74ALS230 Datasheet
397Kb / 8P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS230DW TI-SN74ALS230DW Datasheet
397Kb / 8P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS230N TI-SN74ALS230N Datasheet
397Kb / 8P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS231 TI-SN74ALS231 Datasheet
397Kb / 8P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS231DW TI-SN74ALS231DW Datasheet
397Kb / 8P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS236FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com