Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB7.0AT3 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 1SMB7.0AT3
Description  PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMB7.0AT3 Datasheet(HTML) 4 Page - Motorola, Inc

  1SMB7.0AT3 Datasheet HTML 1Page - Motorola, Inc 1SMB7.0AT3 Datasheet HTML 2Page - Motorola, Inc 1SMB7.0AT3 Datasheet HTML 3Page - Motorola, Inc 1SMB7.0AT3 Datasheet HTML 4Page - Motorola, Inc 1SMB7.0AT3 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GENERAL DATA — 600 WATT PEAK POWER
Motorola TVS/Zener Device Data
5-4
600 Watt Peak Power Data Sheet
VL
V
Vin
Vin (TRANSIENT)
VL
td
V
Vin (TRANSIENT)
OVERSHOOT DUE TO
INDUCTIVE EFFECTS
tD = TIME DELAY DUE TO CAPACITIVE EFFECT
t
t
Figure 4.
Figure 5.
Figure 6. Typical Derating Factor for Duty Cycle
1 ms
10
µs
1
0.7
0.5
0.3
0.05
0.1
0.2
0.01
0.02
0.03
0.07
100
µs
0.1
0.2
0.5
2
5
10
50
1
20
100
D, DUTY CYCLE (%)
PULSE WIDTH
10 ms
UL RECOGNITION
The entire series has
Underwriters Laboratory Recognition
for the classification of protectors (QVGV2) under the UL
standard for safety 497B and File #116110. Many competitors
only have one or two devices recognized or have recognition
in a non-protective category. Some competitors have no
recognition at all. With the UL497B recognition, our parts
successfully passed several tests including Strike Voltage
Breakdown test, Endurance Conditioning, Temperature test,
Dielectric Voltage-Withstand test, Discharge test and several
more.
Whereas, some competitors have only passed a flammabil-
ity test for the package material, we have been recognized for
much more to be included in their Protector category.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com