Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB7.0AT3 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 1SMB7.0AT3
Description  PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMB7.0AT3 Datasheet(HTML) 1 Page - Motorola, Inc

  1SMB7.0AT3 Datasheet HTML 1Page - Motorola, Inc 1SMB7.0AT3 Datasheet HTML 2Page - Motorola, Inc 1SMB7.0AT3 Datasheet HTML 3Page - Motorola, Inc 1SMB7.0AT3 Datasheet HTML 4Page - Motorola, Inc 1SMB7.0AT3 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Motorola TVS/Zener Device Data
5-1
600 Watt Peak Power Data Sheet
GENERAL DATA APPLICABLE TO ALL SERIES IN
THIS GROUP
Zener Transient Voltage Suppressors
The SMB series is designed to protect voltage sensitive components from high voltage,
high energy transients. They have excellent clamping capability, high surge capability, low
zener impedance and fast response time. The SMB series is supplied in Motorola’s
exclusive, cost-effective, highly reliable Surmetic package and is ideally suited for use in
communication systems, numerical controls, process controls, medical equipment,
business machines, power supplies and many other industrial/consumer applications.
Specification Features:
• Standard Zener Breakdown Voltage Range — 6.8 to 200 V
• Stand-off Voltage Range — 5 to 170 V
• Peak Power — 600 Watts @ 1 ms
• Maximum Clamp Voltage @ Peak Pulse Current
• Low Leakage < 5 µA Above 10 V
• UL Recognition
• Response Time Typically < 1 ns
Mechanical Characteristics:
CASE: Void-free, transfer-molded, thermosetting plastic
FINISH: All external surfaces are corrosion resistant and leads are readily solderable
POLARITY: Cathode indicated by molded polarity notch. When operated in zener mode,
will be positive with respect to anode
MOUNTING POSITION: Any
LEADS: Modified L-Bend providing more contact area to bond pad
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES: 260
°C for 10 seconds
WAFER FAB LOCATION: Phoenix, Arizona
ASSEMBLY/TEST LOCATION: Seremban, Malaysia
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (1)
@ TL ≤ 25°C
PPK
600
Watts
Forward Surge Current (2)
@ TA = 25°C
IFSM
100
Amps
Thermal Resistance from Junction to Lead (typical)
RqJL
25
°C/W
Operating and Storage Temperature Range
TJ, Tstg
– 65 to +150
°C
NOTES: 1. Nonrepetitive current pulse per Figure 2 and derated above TA = 25°C per Figure 3.
NOTES: 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
1SMB5.0AT3
SERIES
600 WATT
PEAK POWER
PLASTIC SURFACE MOUNT
ZENER OVERVOLTAGE
TRANSIENT
SUPPRESSORS
6.8–200 VOLTS
600 WATT PEAK POWER
CASE 403A
PLASTIC
REV 1


Similar Part No. - 1SMB7.0AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB7.0AT3 ONSEMI-1SMB7.0AT3 Datasheet
69Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 10
1SMB7.0AT3G ONSEMI-1SMB7.0AT3G Datasheet
69Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 10
1SMB7.0AT3G ONSEMI-1SMB7.0AT3G Datasheet
163Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB7.0AT3G ONSEMI-1SMB7.0AT3G Datasheet
163Kb / 7P
600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - 1SMB7.0AT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1SMB15CAT3 ONSEMI-1SMB15CAT3 Datasheet
58Kb / 6P
PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 10-78 V, 600 W PEAK POWER
April, 2004 ??Rev. 5
logo
Motorola, Inc
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
Zener Overvoltage Transient Suppressors
logo
ON Semiconductor
MR2535L ONSEMI-MR2535L Datasheet
63Kb / 5P
Overvoltage Transient Suppressors
June, 2006 ??Rev. 7
logo
DIOTEC Electronics Corp...
DR2535L DEC-DR2535L Datasheet
92Kb / 1P
25 AMP OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
EIC discrete Semiconduc...
SMF50A EIC-SMF50A Datasheet
140Kb / 3P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
DIOTEC Electronics Corp...
TSBD-5000S-1A DEC-TSBD-5000S-1A Datasheet
63Kb / 1P
50 AMP OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Littelfuse
SZP6SMB LITTELFUSE-SZP6SMB Datasheet
652Kb / 7P
Surface Mount > 600W Zener Transient Overvoltage Suppressors
Revised: GD. 01/08/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com