Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC3651PCB Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ALVC3651PCB
Description  2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC3651PCB Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ALVC3651PCB Datasheet HTML 7Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 8Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 9Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 10Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 11Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 12Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 13Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 14Page - Texas Instruments SN74ALVC3651PCB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
SN74ALVC3651
2048
× 36
SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SDMS025A – OCTOBER 1999 – REVISED DECEMBER 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
mailbox registers
Two 36-bit bypass registers pass command and control information between port A and port B. The
mailbox-select (MBA, MBB) inputs choose between a mail register and a FIFO for a port data-transfer operation.
A low-to-high transition on CLKA writes A0–A35 data to the mail1 register when a port-A write is selected by
CSA, W/RA, and ENA with MBA high. A low-to-high transition on CLKB writes B0–B35 data to the mail2 register
when a port-B write is selected by CSB, W/RB, and ENB with MBB high. Writing data to a mail register sets its
corresponding flag (MBF1 or MBF2) low. Attempted writes to a mail register are ignored while its mail flag is
low.
When the port-B data (B0–B35) outputs are active, the data on the bus comes from the FIFO output register
when the MBB input is low and from the mail1 register when MBB is high. Mail2 data always is present on the
port-A data (A0–A35) outputs when they are active. The mail1 register flag (MBF1) is set high by a low-to-high
transition on CLKB when a port-B read is selected by CSB, W/RB, and ENB with MBB high. The mail2 register
flag (MBF2) is set high by a low-to-high transition on CLKA when a port-A read is selected by CSA, W/RA, and
ENA with MBA high. The data in a mail register remains intact after it is read and changes only when new data
is written to the register.
tpd(R-F)
CLKA
CLKB
RST
0,1
th(FS)
tsu(FS)
th(RS)
tsu(RS)
FS1, FS0
IR
tpd(C-IR)
tpd(C-IR)
OR
tpd(C-OR)
tpd(R-F)
AE
AF
MBF1,
MBF2
tpd(R-F)
Figure 1. FIFO Reset Loading X and Y With a Preset Value of Eight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com