Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC7813 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74ALVC7813
Description  64 횞 18 LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC7813 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ALVC7813 Datasheet HTML 6Page - Texas Instruments SN74ALVC7813 Datasheet HTML 7Page - Texas Instruments SN74ALVC7813 Datasheet HTML 8Page - Texas Instruments SN74ALVC7813 Datasheet HTML 9Page - Texas Instruments SN74ALVC7813 Datasheet HTML 10Page - Texas Instruments SN74ALVC7813 Datasheet HTML 11Page - Texas Instruments SN74ALVC7813 Datasheet HTML 12Page - Texas Instruments SN74ALVC7813 Datasheet HTML 13Page - Texas Instruments SN74ALVC7813 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SN74ALVC7813
64
× 18
LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS594A – OCTOBER 1997 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (see Figures 1 through 5)
’ALVC7813-20
’ALVC7813-25
’ALVC7813-40
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
50
40
25
MHz
D0–D17 high or low
9
10
14
WRTCLK high or low
7
8
12
RDCLK high or low
7
8
12
tw
Pulse duration
PEN low
9
9
12
ns
WRTEN1 high, WRTEN2 low
8
8
12
OE1, OE2 low
9
9
12
RDEN low
8
8
12
D0–D17 before WRTCLK
↑
5
5
5
WRTEN1, WRTEN2 before WRTCLK
↑
5
5
5
OE1, OE2 before RDCLK
↑
5
6
6
tsu
Setup time
RDEN before RDCLK
↑
5
5
7
ns
Reset: RESET low before first WRTCLK
↑
and RDCLK
↑†
6
6
6
PEN before WRTCLK
↑
6
6
6
D0–D17 after WRTCLK
↑
0
0
0
WRTEN1, WRTEN2 after WRTCLK
↑
0
0
0
th
Hold time
OE1, OE2, RDEN after RDCLK
↑
0
0
0
ns
th
Hold time
Reset: RESET low after fourth WRTCLK
↑
and RDCLK
↑†
2
2
2
ns
PEN low after WRTCLK
↑
2
2
2
† To permit the clock pulse to be utilized for reset purposes
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
TO
’ALVC7813-20
’ALVC7813-25
’ALVC7813-40
UNIT
PARAMETER
(OUTPUT)
(INPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
WRTCLK or RDCLK
50
40
25
MHz
RDCLK
↑
Any Q
4
13
4
15
4
20
WRTCLK
↑
IR
3
11
3
13
3
15
tpd
RDCLK
↑
OR
3
11
3
13
3
15
ns
WRTCLK
↑
AF/AE
7
19
7
21
7
23
RDCLK
↑
AF/AE
7
19
7
21
7
23
tPLH
WRTCLK
↑
HF
7
17
7
19
7
21
ns
tPHL
RDCLK
↑
HF
7
18
7
20
7
22
ns
tPLH
RESET low
AF/AE
2
11
2
13
2
15
ns
tPHL
RESET low
HF
2
12
2
14
2
16
ns
ten
OE1, OE2
Any Q
2
11
2
11
2
14
ns
tdis
OE1, OE2
Any Q
2
11
2
14
2
14
ns
operating characteristics, VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
CL = 50 pF,
f = 5 MHz
53
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com