Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW3R48D15WF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SW3R48D15WF
Description  3W Wide Input Single & Dual Output DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW3R48D15WF Datasheet(HTML) 2 Page - Superworld Electronics

  SW3R48D15WF Datasheet HTML 1Page - Superworld Electronics SW3R48D15WF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SW3R W Series Product Datasheet
www.superworld.com.sg
2 of 2
SW3R W INPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Input Current (No Load)
All models
20
mA
Voltage Range
SW3R24
18
24
36
Vdc
SW3R48
36
48
75
Transient Input Voltage (1msec)
SW3R24
50
Vdc
SW3R48
100
Undervoltage Lockout (SW3R24)
On
17.5
Vdc
Off
16
Undervoltage Lockout (SW3R48)
On
34.5
Off
32.5
Reflected Ripple Current
35
mAp-p
SW3R W OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Rated Power
All models
3.0
W
Voltage Setpoint Accuracy
±
5
%
Line Regulation
1% change in Vin
±
0.5
±
2
%
Load Regulation
(10% load to rated load)
±
1
±
3
%
Ripple & Noise
BW = DC to 20MHz
1%
p-p
Current Limit
120% x Iout
4.6
W
Output Overvoltage Clamp
120
% Vout
Temperature Coefficient
±
0.008
%/
oC
Short Circuit Protection
1
second
SW3R W GENERAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Temperature
Temperature (Ambient)
-25
70
oC
Temperature (Case)
-40
100
oC
Storage
-40
100
oC
Isolation
Isolation Test Voltage
1500
Vdc
Resistance
10
GΩ
Capacitance
20
pF
Leakage Current
20
µArms
Switching Frequency
150
kHz
MTTF (Ta = 25
oC)
MIL-HDBK-217E
450000
hrs
Weight
20
g
Superworld Electronics (S) Pte Ltd
16 New Industrial Road #06-01 to 08 Hudson TechnoCentre Singapore 536204
Tel : (65) 6298 2866
Fax : (65) 6298 8900
Email : sales@superworld.com.sg
Pin
Singles
Dual
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
MECHANICAL
(L Package)
SW3R24S03WLF
Apply E or L to end
of part number
when ordering



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com