Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW3R48D15WF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SW3R48D15WF
Description  3W Wide Input Single & Dual Output DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SW3R48D15WF Datasheet(HTML) 1 Page - Superworld Electronics

  SW3R48D15WF Datasheet HTML 1Page - Superworld Electronics SW3R48D15WF Datasheet HTML 2Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SW3R W Series Product Datasheet
www.superworld.com.sg
1 of 2
MECHANICAL
(E Package)
DESCRIPTION
The SW3R W Series is a 1500Vdc isolated range of single and dual output 3W DC-DC converters, designed with a 2:1 input
voltage range and ideal for use in a whole variety of telecoms, industrial and distributed power applications. Available in industry
standard E and L DIP packages (32 x 20 x 9 mm), the SW3R W is fully encapsulated in a metal case and is designed to meet
EN60950 and UL1950 safety standards. Continuous SC protection and UVLO are some of the many SW3R W features.
SUPERWORLD ELECTRONICS
FEATURES
•
Industry standard E & L packages
•
Wide Input Ranges 18-36 & 36-75 Vdc
•
Single & Dual 1500Vdc Isolated Outputs
•
Operating Temp Range –40
oC to 100oC
•
High Efficiencies to 85%
•
Continuous Short Circuit Protection
•
Undervoltage Lock-out
•
Metal Casing
•
2 Year Warranty
•
Internal Input and Output Filtering
SW3R W PRODUCT RANGE
Model
Vin
(Vdc)
Vout
(Vdc)
Iout
(mA)
Iin (rated)
(mA)
Eff.
(%)
SW3R24S03WF
18-36
3.3
909
165
76
SW3R24S05WF
18-36
5
600
150
80
SW3R24S09WF
18-36
9
333
150
82
SW3R24S12WF
18-36
12
250
150
83
SW3R24S15WF
18-36
15
200
135
85
SW3R24D03WF
18-36
±
3.3
±
454
83
74
SW3R24D05WF
18-36
±
5
±
300
75
78
SW3R24D09WF
18-36
±
9
±
167
75
80
SW3R24D12WF
18-36
±
12
±
125
75
82
SW3R24D15WF
18-36
±
15
±
100
68
84
SW3R48S03WF
36-75
3.3
909
165
76
SW3R48S05WF
36-75
5
600
150
80
SW3R48S09WF
36-75
9
333
150
82
SW3R48S12WF
36-75
12
250
150
83
SW3R48S15WF
36-75
15
200
135
85
SW3R48D03WF
36-75
±
3.3
±
454
83
74
SW3R48D05WF
36-75
±
5
±
300
75
78
SW3R48D09WF
36-75
±
9
±
167
75
80
SW3R48D12WF
36-75
±
12
±
125
75
82
SW3R48D15WF
36-75
±
15
±
100
68
84
Pin
Singles
Dual
1
+Vin
+Vin
2
NC
-Vout
3
NC
Common
10
- Vout
Common
11
+Vout
+Vout
12
-Vin
-Vin
13
-Vin
-Vin
14
+Vout
+Vout
15
-Vout
Common
22
NC
Common
23
NC
-Vout
24
+Vin
+Vout
SW3R24S05WEF
Apply E or L to end
of part number
when ordering
SW3R W Series – 3W Wide Input
Single & Dual Output DC-DC Converter


Similar Part No. - SW3R48D15WF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SW3R48D15WSMF SUPERWORLD-SW3R48D15WSMF Datasheet
176Kb / 2P
3W Wide Input Single & Dual SMD DC-DC Converter
More results

Similar Description - SW3R48D15WF

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1300 MINMAX-MIW1300 Datasheet
234Kb / 8P
3W, Wide Input Range DIP, Single & Dual Output DC/DC Converter
logo
Superworld Electronics
SW3R48S03UWF SUPERWORLD-SW3R48S03UWF Datasheet
176Kb / 2P
3W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW3R48S03UWSMF SUPERWORLD-SW3R48S03UWSMF Datasheet
147Kb / 2P
3W Ultra-Wide Input Single & Dual Output DC-DC Converter
SW3R24S03WSMF SUPERWORLD-SW3R24S03WSMF Datasheet
176Kb / 2P
3W Wide Input Single & Dual SMD DC-DC Converter
logo
Microdc power Technolog...
WRA-YDV-3W MICRODC-WRA-YDV-3W Datasheet
748Kb / 3P
3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA-ZHD-3W MICRODC-WRA-ZHD-3W Datasheet
988Kb / 3P
3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com