Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26LS31 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 26LS31
Description  Quad Line Driver with NAND Enabled Three-State Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

26LS31 Datasheet(HTML) 2 Page - Motorola, Inc

  26LS31 Datasheet HTML 1Page - Motorola, Inc 26LS31 Datasheet HTML 2Page - Motorola, Inc 26LS31 Datasheet HTML 3Page - Motorola, Inc 26LS31 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AM26LS31
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
8.0
Vdc
Input Voltage
VI
5.5
Vdc
Operating Ambient Temperature Range
TA
0 to + 70
°C
Operating Junction Temperature Range
TJ
150
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, specifications apply 4.75 V
p VCC p 5.25 V and 0°C p TA p 70°C.
Typical values measured at VCC = 5.0 V, and TA = 25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage – Low Logic State
VIL
–
–
0.8
Vdc
Input Voltage – High Logic State
VIH
2.0
–
–
Vdc
Input Current – Low Logic State
(VIL = 0.4 V)
IIL
–
–
– 360
µA
Input Current – High Logic State
(VIH = 2.7 V)
(VIH = 7.0 V)
IIH
–
–
–
–
+ 20
+ 100
µA
Input Clamp Voltage
(IIK = – 18 mA)
VIK
–
–
– 1.5
V
Output Voltage – Low Logic State
(IOL = 20 mA)
VOL
–
–
0.5
V
Output Voltage – High Logic State
(IOH = –20 mA)
VOH
2.5
–
–
V
Output Short Circuit Current
(VIH = 2.0 V) Note 1
IOS
– 30
–
– 150
mA
Output Leakage Current – Hi–Z State
(VOL = 0.5 V, VIL(E) = 0.8 V, VIH(E) = 2.0 V)
(VOH = 2.5 V, VIL(E) = 0.8 V, VIH(E) = 2.0 V)
IO(Z)
–
–
–
–
– 20
+ 20
µA
Output Leakage Current – Power OFF
(VOH = 6.0 V, VCC = 0 V)
(VOL = – 0.25 V, VCC = 0 V)
IO(off)
–
–
–
–
+ 100
– 100
µA
Output Offset Voltage Difference, Note 2
VOS – VOS
–
–
"0.4
V
Output Differential Voltage, Note 2
VOD
2.0
–
–
V
Output Differential Voltage Difference, Note 2
∆VOD
–
–
± 0.4
V
Power Supply Current
(Output Disabled) Note 3
ICCX
–
60
80
mA
NOTES: 1. Only one output may be shorted at a time.
2. See EIA Specification EIA–422 for exact test conditions.
3. Circuit in three–state condition.
SWITCHING CHARACTERISTICS (VCC = 5.0 V, TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Propagation Delay Times
High to Low Output
Low to High Output
tPHL
tPLH
–
–
–
–
20
20
ns
Output Skew
–
–
6.0
ns
Propagation Delay – Control to Output
(CL = 10 pF, RL = 75 Ω to Gnd)
(CL = 10 pF, RL = 180 Ω to VCC)
(CL = 30 pF, RL = 75 Ω to Gnd)
(CL = 30 pF, RL = 180 Ω to VCC)
tPHZ(E)
tPLZ(E)
tPZH(E)
tPZL(E)
–
–
–
–
–
–
–
–
30
35
40
45
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com