Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26LS31 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 26LS31
Description  Quad Line Driver with NAND Enabled Three-State Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

26LS31 Datasheet(HTML) 3 Page - Motorola, Inc

  26LS31 Datasheet HTML 1Page - Motorola, Inc 26LS31 Datasheet HTML 2Page - Motorola, Inc 26LS31 Datasheet HTML 3Page - Motorola, Inc 26LS31 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AM26LS31
3
MOTOROLA ANALOG IC DEVICE DATA
Pulse generator characteristics
3.0 V
Scope
(Input)
Non–Inv
Output
75
200
5.0 V
Scope
(Output)
3.0 V
Enable
CL = 30 pF
Inv
Output
50
3.0 V
+ 5 V
75
Inv
Output
180
CL
Non–Inv
Output
To Scope
Output
3.0 V or Gnd
Input
To Scope (Input)
Enable
50
VOH
VOL
tPLH
VOH
Pulse
Generator
≈ 1.5 V
≈ 1.5 V
VOL
0 V
tPLZ(E)
VOH
VOL
0 V
0 V
VOH
0
CL Includes Probe and Jig Capacitance. See Test Table.
RL – See Test Table
tPHL
1.3 V
1.3 V
1.3 V
0 V
1.3 V
0 V
1.3 V
1.3 V
Output
Output
tPHL
Input
Control
Input
(Enable)
CL Includes Probe and Jig Capacitance
1.3 V
tPHZ(E)
3.0 V
0.5 V
0
Output
Output
0.5 V
3.0 V
1.3 V
1.3 V
1.3 V
Pulse
Generator
Control
Input
(Enable)
Output
Output
tPZH(E)
tPZL(E)
tPLH
Open for tPZH(E) Test Only
0 V
VOL
Figure 1. Three–State Enable Test Circuit and Waveforms
Figure 2. Propagation Delay Times Input to Output Waveforms and Test Circuit
Zo = 50 Ω
PRR
p 1.0 MHz
50% Duty Cycle
tTLH, tTHL p 6 ns
Pulse generator characteristics
Zo = 50 Ω
PRR
p 1.0 MHz
50% Duty Cycle
tTLH, tTHL p 6 ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com