Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSLR-N55FSW4-B0 Datasheet(PDF) 3 Page - China Semiconductor Corporation

Part # CSLR-N55FSW4-B0
Description  LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N55FSW4-B0 Datasheet(HTML) 3 Page - China Semiconductor Corporation

  CSLR-N55FSW4-B0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■
■
■
■ Absolute Maximum Rating -
(Ta=25℃)
Symbol
Unit
Pd
mW
IF
mA
IFP
mA
VR
V
Topr
℃
Tstg
℃
Tsol
* Pulse width ≦0.1 msec. duty ≦1/10
■
■
■
■ Electro-optical Characteristics
(Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-----
3.2
3.8
V
IV
490
850
-----
mcd
X
-----
0.31
-----
Y
-----
0.32
-----
2θ
θ
θ
θ 1/2
-----
110
-----
deg
IR
-----
-----
50
μA
VR=5V
Page:
2/5
Chromaticity
Coodination
Reverse Current
Parameter
Lead Soldering Temperature
Forward Voltage
Storage Temp.
Peak Forward Current *
100
Max. 260℃
℃
℃
℃ for 5 sec Max.
(3mm from the epoxy body)
Luminous Intensity
PS-LL-N55FSW4-B0
A
Viewing Angle
IF=20mA
Operating Temp.
Power Dissipation
Forward Current (DC)
Reverse Voltage
Model No:
:
:
:CSLR-N55FSW4-B0
Parameter
-30 ~ +80
-40 ~ +100
Rating
76
5
http://www.csctw.com.tw
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com