Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSLR-N55FSW4-B0 Datasheet(PDF) 6 Page - China Semiconductor Corporation

Part # CSLR-N55FSW4-B0
Description  LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N55FSW4-B0 Datasheet(HTML) 6 Page - China Semiconductor Corporation

  CSLR-N55FSW4-B0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■
■
■
■ Precautions For Use -
1. Recommended Soldering conditions
Wave Soldering
2. Soldering Iron
Basic SPEC. is ≦5sec. When 260℃. If temperature is higher, time should
be shorter (+10℃→ -1sec.). Power dissipation of iron should be smaller than 15W
, and temperature should be controllable. Surface temperature of the device should
be under 230℃.
3. Static Electricity
a. Static electricity or surge voltage damages LEDs..
It is recommended that a wrist band or an anit-electrostatic glove be used
when handling the LEDs.
b. All devices, equipment and machinery must be properly grounded. It is
recommended that mesures be taken against surge voltage to the equipment
that mounts the LEDs.
Page:
5/5
Model No:
:
:
:CSLR-N55FSW4-B0
Note: The specifications are subject to change without notice. Please contact us for updated information.
http://www.csctw.com.tw
PS-LL-N55FSW4-B0
A
260(max.)
250
240
Time(sec.)
Preheat
105(max.)
0
Max. 60sec.
5 sec.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com