Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC784 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75LBC784
Description  QUADRUPLE RS-423-B DRIVER/RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC784 Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC784 Datasheet HTML 1Page - Texas Instruments SN75LBC784 Datasheet HTML 2Page - Texas Instruments SN75LBC784 Datasheet HTML 3Page - Texas Instruments SN75LBC784 Datasheet HTML 4Page - Texas Instruments SN75LBC784 Datasheet HTML 5Page - Texas Instruments SN75LBC784 Datasheet HTML 6Page - Texas Instruments SN75LBC784 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN75LBC784
QUADRUPLE RS-423-B DRIVER/RECEIVER
SLLS187A – NOVEMBER 1994 – REVISED AUGUST 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature, VDD = 10.8 V to 13.2 V, VSS = –10.8 V to –13.2 V, TA = 0°C to 70°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Positive input threshold voltage
200
mV
VIT+
Positive input threshold voltage
With 500
Ω series resistor
400
mV
VIT
Negative input threshold voltage
– 200
mV
VIT–
Negative input threshold voltage
With 500
Ω series resistor
– 400
mV
II
Input current
VI = 10 V
Other input to GND
1.3
3.25
mA
II
Input current
VI = – 10 V
Other input to GND
– 3.25
– 1.3
mA
Vhys
Hysteresis (VIT + – VIT –)
20
40
150
mV
VOH
High level output voltage (see Note 2)
IO = –20 µA
3.5
5
V
VOH
High-level output voltage (see Note 2)
IO = – 4 mA
2.4
5
V
VOL
Low-level output voltage
IO = 20 µA to 4 mA
0.4
V
IRX
RX short circuit current
50
mA
VID
Differential input voltage
Receiver inputs open circuit
1.6
2.1
2.6
V
Vofs
Fail safe output voltage
See Note 3
3.5
V
NOTES:
2. Device has an internal RX supply regulator. Maximum RX logic output voltage under no load is thus defined by an internal voltage
value. This is nominally set to 4.5 V with a tolerance of
±5%.
3. One input at ground, other input open circuit, IO = –20 µA, or both open circuit.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
test conditions: VDD = 10.8 V to 13.2 V, VSS = –10.8 V to –13.2 V, TA = 0°C to 70°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tPLH
Propagation Delay time low-to-high (see Figure 2)
015
1
µs
tPHL
Propagation delay time high-to-low (see Figure 2)
CL =50 pF
0.15
1
µs
tTHL
Transition time high-to-low (see Figure 3)
CL = 50 pF
20
200
ns
tTLH
Transition time low-to-high (see Figure 3)
20
200
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com