Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC784 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75LBC784
Description  QUADRUPLE RS-423-B DRIVER/RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC784 Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC784 Datasheet HTML 1Page - Texas Instruments SN75LBC784 Datasheet HTML 2Page - Texas Instruments SN75LBC784 Datasheet HTML 3Page - Texas Instruments SN75LBC784 Datasheet HTML 4Page - Texas Instruments SN75LBC784 Datasheet HTML 5Page - Texas Instruments SN75LBC784 Datasheet HTML 6Page - Texas Instruments SN75LBC784 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN75LBC784
QUADRUPLE RS-423-B DRIVER/RECEIVER
SLLS187A – NOVEMBER 1994 – REVISED AUGUST 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature, VDD = 10.8 V to 13.2 V, VSS = –10.8 V to –13.2 V, TA = 0°C to 70°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
Open circuit or RL = 450 Ω
4
5.5
6
V
VOL
Low-level output voltage
Open circuit or RL = 450 Ω
–6
– 5.5
–4
V
IIH
High-level input current
VI = 2.4 V to 5.5 V
100
µA
IIL
Low-level input current
VI = 0 V to 0.8 V
– 100
µA
IO
Output leakage current
VDD = VSS = 0,
VO = ± 6 V
– 100
100
µA
IOS(H)
High-level short circuit output current
VI = 5 V,
VO = 0
15
45
mA
IOS(L)
Low-level short circuit output current
VI = 0,
VO = 0
–45
–15
mA
IDD
Supply current
No load
10
12
mA
IDD
Supply current
RL = 450 Ω
60
70
mA
ISS
Supply current
No load
–10
–12
mA
ISS
Supply current
RL = 450 Ω
–60
–70
mA
Ibias
Bias current
400
µA
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, VDD = 10.8 V to 13.2 V, VSS = –10.8 V to –13.2 V, TA = 0°C to 70°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rws = 0 kΩ
1.5
Rws = 20 kΩ
1.5
2.1
2.7
µs
tTLH
Transition time, low-to-high level (see Figure 1)
Rws = 82 kΩ
5
8
11
µs
Rws = 820 kΩ
80
RL = 450 Ω,
CL = 50 pF, Rws = 0 kΩ
1.5
L
VWS = 5 V
L
Rws = 20 kΩ
1.5
2.1
2.7
µs
tTHL
Transition time, high-to-low level (see Figure 1)
Rws = 82 kΩ
5
8
11
µs
Rws = 820 kΩ
80
SR
Output slew rate
Rws = 20 k
Ω
15
V/
µs
tsk
Output skew (see Figure 4) |tPHL – tPLH|
Rws = 82 kΩ
1
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com