Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC968 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC968
Description  9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC968 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75LBC968 Datasheet HTML 8Page - Texas Instruments SN75LBC968 Datasheet HTML 9Page - Texas Instruments SN75LBC968 Datasheet HTML 10Page - Texas Instruments SN75LBC968 Datasheet HTML 11Page - Texas Instruments SN75LBC968 Datasheet HTML 12Page - Texas Instruments SN75LBC968 Datasheet HTML 13Page - Texas Instruments SN75LBC968 Datasheet HTML 14Page - Texas Instruments SN75LBC968 Datasheet HTML 15Page - Texas Instruments SN75LBC968 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SN75LBC968
9-CHANNEL BUS TRANSCEIVER
WITH ACTIVE TERMINATION
SLLS179C – APRIL 1994 – REVISED JANUARY 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
0.5
0.4
0.2
0.1
010
20
30
40
50
60
0.6
0.8
DRIVER AND TERMINATION
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.9
70
80
90
100
0.3
0.7
IOL – Low-Level Output Current – mA
VTE = 5 V
VCC = 5 V
VCC1 = 5 V
TA = 25°C
Figure 10
2
1.5
0.5
0
0
3
6
9
12
15
18
2.5
3.5
TERMINATION
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
4
21
24
27
30
1
3
IO – Output Current – mA
VTE = 5 V
VCC = 5 V
VCC1 = 5 V
TA = 25°C
Driver disabled
Figure 11
0.4
0.3
0.1
0
010
20
30
40
50
60
0.5
0.7
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.8
70
80
90
100
0.2
0.6
IOL – Low-Level Output Current – mA
VTE = 0 V
VCC = 5 V
VCC1 = 5 V
TA = 25°C
Figure 12
2
1.5
0.5
0
0
2.5
3.5
DRIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
4
1
3
IOH – High-Level Output Current – mA
10
20
30
40
50
60
70
80
90
100
VTE = 0 V
VCC = 5 V
VCC1 = 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com