Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC968 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC968
Description  9-CHANNEL BUS TRANSCEIVER WITH ACTIVE TERMINATION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC968 Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC968 Datasheet HTML 1Page - Texas Instruments SN75LBC968 Datasheet HTML 2Page - Texas Instruments SN75LBC968 Datasheet HTML 3Page - Texas Instruments SN75LBC968 Datasheet HTML 4Page - Texas Instruments SN75LBC968 Datasheet HTML 5Page - Texas Instruments SN75LBC968 Datasheet HTML 6Page - Texas Instruments SN75LBC968 Datasheet HTML 7Page - Texas Instruments SN75LBC968 Datasheet HTML 8Page - Texas Instruments SN75LBC968 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN75LBC968
9-CHANNEL BUS TRANSCEIVER
WITH ACTIVE TERMINATION
SLLS179C – APRIL 1994 – REVISED JANUARY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The communication between the SN75LBC968 and the controller can be accomplished at 3.3-V logic levels
provided that the VCC1 input connects to the same supply rail as the controller. This provides a bridge from the
lower-voltage circuit and the 5-V SCSI bus. The SN75LBC968 also removes the need for special I/O buffers
(and associated power dissipation) on the controller itself. The SN75LBC968 must be used with a SCSI
controller with support for Differential SCSI.
The integrated, current-mode, active termination supplies a constant 24 mA of current (TERMPWR) to the bus
when the bus voltage falls below 2.5 V. This makes the next low-to-high (negation) signal transition independent
of the low-level (asserted) bus voltage, unlike voltage-mode terminators. The termination current is provided
through the TE input and from TERMPWR and can be disabled by letting the TE input float or by connecting
it to ground. The termination circuitry is independent from the line drivers and receivers and VCC or VCC1.
Operational termination is present as long as TERMPWR is applied.
The switching speeds of the SN75LBC968 are sufficient to transfer data over the data bus at ten million transfers
per second (Fast-SCSI). The specification, tsk(lim), is for system skew budgeting and maintenance of bus set-up
and hold times. The device is available in the space-efficient shrink-small-outline package (SSOP) with 25-mil
lead pitch. The SN75LBC968 meets or exceeds the requirements of ANSI X3.131–1994 (SCSI-2) and the
proposed SPI (SCSI-3) standards, and is characterized for operation from 0
°C to 70°C.
logic diagram (positive logic)
31 1B
56
37
35
33
2B
3B
4B
11
10
9
8
7
6
4
2
54
5
Channel 4
Channel 3
Channel 2
4DE/RE
4A
3DE/RE
3A
2DE/RE
2A
1A
TE
50
48
46
5B
6B
7B
24
23
22
21
20
19
Channel 7
Channel 6
Channel 5
7DE/RE
7A
6DE/RE
6A
5DE/RE
5A
29
8B
9B
28
27
26
25
Channel 9
Channel 8
9DE/RE
9A
8DE/RE
8A
CE
1DE/RE
Active Terminator
DE/RE
B
A
Z
H
L
Z
Z
H
Z
Z
Z
Z
H
L
Z
L
B
A
INPUTS
OUTPUTS
H = high level
L = low level
X = irrelevant
Z = high impedance
TERMINATION FUNCTION
OUTPUT
B
INPUT
TE
GND
VTE
Open
Z
24-mA source
Z
CE
Function Tables
L
H
H
H
H
H
H
TRANSCEIVER FUNCTIONS
X
L
L
H
H
L
H
X
X
X
L
H
X
Open
X
L
H
X
X
Open
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com