Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC970ADL Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75LBC970ADL
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC970ADL Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75LBC970ADL Datasheet HTML 6Page - Texas Instruments SN75LBC970ADL Datasheet HTML 7Page - Texas Instruments SN75LBC970ADL Datasheet HTML 8Page - Texas Instruments SN75LBC970ADL Datasheet HTML 9Page - Texas Instruments SN75LBC970ADL Datasheet HTML 10Page - Texas Instruments SN75LBC970ADL Datasheet HTML 11Page - Texas Instruments SN75LBC970ADL Datasheet HTML 12Page - Texas Instruments SN75LBC970ADL Datasheet HTML 13Page - Texas Instruments SN75LBC970ADL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
5 V
Output
165
Ω
165
Ω
75
Ω
Input
(see Note A)
A–
50 pF
50 pF
(see Note B)
B–
B+
td1
td2
Input
Output
0 V
1.5 V
3 V
t0
t0
or
delay
delay
VOD
A–
RESET
TEST
DSENS
RSTFLTR
VOD(L)
0 V
VOD(H)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: tr ≤ 6 ns, tf ≤ 6 ns PRR ≤ 1 MHz,
45% < duty cycle < 50%, ZO = 50 Ω.
B. Resistance values are with a tolerance of
±5%.
C. All input voltage levels are held to within 0.01 V.
Figure 3. A-Side to B-Side Propagation Delay Time Test Circuit and Timing Definitions
Output
1.5 V
Input
(see Note A)
B–
15 pF
(see Note B)
td3
td4
Input
Output
0 V
1.5 V
3 V
t0
t0
or
delay
delay
A–
RESET
TEST
DSENS
RSTFLTR
VOL
1.5 V
VOH
B+
A–
B–
NOTES: A. The input pulse is supplied by a generator having the following characteristics: tr ≤ 6 ns, tf ≤ 6 ns PRR ≤ 1 MHz, 45% < duty cycle
< 50%, ZO = 50 Ω.
B. Resistance values are with a tolerance of
±5%.
C. All input voltage levels are held to within 0.01 V.
Figure 4. B-Side to A-Side Propagation Delay Time Test Circuit and Timing Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com