Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC970ADL Datasheet(PDF) 14 Page - Texas Instruments

Part # SN75LBC970ADL
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC970ADL Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN75LBC970ADL Datasheet HTML 10Page - Texas Instruments SN75LBC970ADL Datasheet HTML 11Page - Texas Instruments SN75LBC970ADL Datasheet HTML 12Page - Texas Instruments SN75LBC970ADL Datasheet HTML 13Page - Texas Instruments SN75LBC970ADL Datasheet HTML 14Page - Texas Instruments SN75LBC970ADL Datasheet HTML 15Page - Texas Instruments SN75LBC970ADL Datasheet HTML 16Page - Texas Instruments SN75LBC970ADL Datasheet HTML 17Page - Texas Instruments SN75LBC970ADL Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
To correctly set the direction of the SCSI bus signals, the SN75LBC970A must follow the activity on the bus. An
asynchronous, 5-state controller watches the state of all the bus control signals, sets the direction of each control
signal as needed, and generates the DRVBUS and SDB outputs to control one or two external SN75LBC971A SCSI
differential converter-data devices. The controller never generates the data driven on a bus signal; it only enables
the drivers. The clock input implements a 400-ns timer that is not part of the controller itself. Controller-state
transitions occur immediately when all the transition conditions are met. Note that the frequency of the supplied clock,
either 20 MHz or 40 MHz, must be correct in order to meet the SCSI specifications.
As shown in Figure 8, after reset, the controller begins in the bus free state. In case the controller was attached to
an active differential bus, it waits for the SCSI bus free condition, defined as when BBSY and BSEL are deasserted
for 400 ns. While waiting for the SCSI bus free condition, the state of BBSY and BSEL passes through to the A side.
The A side bus device cannot take part in bus activity during this condition before the SCSI bus free condition. Once
SCSI bus free is detected, the SCSI arbitration state is entered. Both ABSY and BBSY are enabled; thus when either
signal asserts, both drivers turn on and both signals remain asserted until this state is left. Normally the SCSI
arbitration state ends after the winner of arbitration asserts BSEL. This would cause the controller to go to the select
1 state. However, when BSEL is not asserted, a timeout would eventually be detected and cause a reset of the
controller. In the select 1 state, two latches are open, DSEL_LATCH and RESEL_LATCH. The first latch captures
the state of BSEL so that following states can determine whether the arbitration winner was on the A side or B side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com