Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC971ADL Datasheet(PDF) 5 Page - Texas Instruments

Part # SN75LBC971ADL
Description  SCSI DIFFERENTIAL CONVERTER-DATA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC971ADL Datasheet(HTML) 5 Page - Texas Instruments

  SN75LBC971ADL Datasheet HTML 1Page - Texas Instruments SN75LBC971ADL Datasheet HTML 2Page - Texas Instruments SN75LBC971ADL Datasheet HTML 3Page - Texas Instruments SN75LBC971ADL Datasheet HTML 4Page - Texas Instruments SN75LBC971ADL Datasheet HTML 5Page - Texas Instruments SN75LBC971ADL Datasheet HTML 6Page - Texas Instruments SN75LBC971ADL Datasheet HTML 7Page - Texas Instruments SN75LBC971ADL Datasheet HTML 8Page - Texas Instruments SN75LBC971ADL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN75LBC971A
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS186B – OCTOBER 1994 – REVISED JULY 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential bus voltage range (B side)
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single-ended bus voltage range (A side and control inputs)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation (see Note 2)
Internally Limited (see Dissipation Rating Table)
. . . . . . . . . .
Electrostatic discharge (see Note 3): Class 1 A (all pins)
500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Class 1 B (all pins)
200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Class 2 A (B-side and GND)
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Class 2 B (B-side and GND)
200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. The maximum operating junction temperature is internally limited. Use the dissipation rating table to operate below this temperature.
3. This absolute maximum rating is tested in accordance with MIL-STD-883C, Method 3015.7.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
DL
2500 mW
20 mW/
°C
1600 mW
‡ This is the inverse of the traditional junction-to-case thermal resistance (RθJA).
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
A side and control
2
V
Low-level input voltage, VIL
A side and control
0.8
V
Voltage at any bus terminal (separately or common-mode), VO or VI
B side
12
–7
V
High level output current IOH
B side
–60
mA
High-level output current, IOH
A side
–16
mA
Low level output current IOL
B side
60
mA
Low-level output current, IOL
A side
16
mA
Operating case temperature, TC
0
125
°C
Operating free-air temperature, TA
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com