Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC971ADL Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LBC971ADL
Description  SCSI DIFFERENTIAL CONVERTER-DATA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC971ADL Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC971ADL Datasheet HTML 3Page - Texas Instruments SN75LBC971ADL Datasheet HTML 4Page - Texas Instruments SN75LBC971ADL Datasheet HTML 5Page - Texas Instruments SN75LBC971ADL Datasheet HTML 6Page - Texas Instruments SN75LBC971ADL Datasheet HTML 7Page - Texas Instruments SN75LBC971ADL Datasheet HTML 8Page - Texas Instruments SN75LBC971ADL Datasheet HTML 9Page - Texas Instruments SN75LBC971ADL Datasheet HTML 10Page - Texas Instruments SN75LBC971ADL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN75LBC971A
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS186B – OCTOBER 1994 – REVISED JULY 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended of operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Dl
ti
A t B hih t l
l
l
See Figures 3 and 4
8.5
25.3
ns
td1, td2
Delay time, A to B, high- to low-level or
low- to high-level output
VCC = 5 V,
TA = 25°C, See Figures 3 and 4
10
18
ns
low- to high-level out ut
VCC = 5 V,
TA = 70°C, See Figures 3 and 4
12.5
20.5
ns
Dl
ti
B t A hih t l
l
l
See Figures 5 and 6
21.5
36.2
ns
td3, td4
Delay time, B to A, high- to low-level or
low- to high-level output
VCC = 5 V,
TA = 25°C, See Figures 5 and 6
23.6
32.6
ns
low- to high-level out ut
VCC = 5 V,
TA = 70°C, See Figures 5 and 6
24.4
33.4
ns
tsk(lim)
Skew limit
A to B†
See Figures 5 and 6
8
ns
tsk(lim)
Skew limit
B to A
See Figures 5 and 6
9
ns
tsk(p)
Pulse skew‡
6
ns
tdis1
Disable time, A to B
See Figures 3 and 4
200
ns
tdis2
Disable time, B to A
See Figures 5 and 6
35
ns
ten1
Enable time, A to B
See Figures 3 and 4
65
ns
ten2
Enable time, B to A
See Figures 5 and 6
65
ns
ten(TX)
Enable time, receive-to-transmit
See Figure 7
142
ns
† This parameter is applicable at one VCC and operating temperature within the recommended operating conditions and to any two devices.
‡ Pulse skew is the difference between the high-to-low and low-to-high propagation delay times of any single channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com