Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS6000-AF Datasheet(PDF) 1 Page - Central Technologies

Part # CTS6000-AF
Description  Standard Flyback Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTS6000-AF Datasheet(HTML) 1 Page - Central Technologies

  CTS6000-AF Datasheet HTML 1Page - Central Technologies CTS6000-AF Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Standard Flyback Regulators
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
ORDERING INFO
CTQ~~~~-BF Please specify “F” for RoHS compliant
Equivalent Magnetics for
LM258x Flyback Regulator
Not shown at actual size.
1. Leakage inductance measured across the primary at 0.10 Vrms, 100kHz
2. DC current at which the primary inductance is measured
3. Operating temperature range -40°C to +85°C
4. Electrical specifications at 25°C
SCHEMATICS
Schematics for Surface Mount (SM)
CTQ4435-B, CTS6057-A
CTQ4436-B, CTQ4438-B
CTQ4437-B
Schematics for Through Hole (TH)
CTQ4434-B, CTS6000-A
CTQ4337-B, CTQ4339-B
CTQ4338-B
CTQ4343-B
CTQ4344-B
12.11.06
CTQ4435-B_
SM
22
19.0
166.5
0.7
0.020
0.025
1:1
4.85
CTQ4434-B_
TH
22
19.8
162.0
2.0
0.028
0.028
1:1
5.0
CTQ4436-B_
SM
22
19.0
166.5
0.5
0.025
0.23 (10-11)
1:2.5:2.5
5.0
0.25 (9-8)
CTQ4337-B_
TH
22
19.8
162.0
2.0
0.030
0.32 (8-7, 6-5)
1:2.5:2.5
5.0
CTQ4343-B_
TH
85
76.5
364.5
3.5
0.150
0.011 (10-9, 7-6)
1:0.8:0.8
3.0
CTQ4344-B_
TH
85
76.5
364.5
3.5
0.145
0.20 (10-9, 7-6)
1:0.35:0.8:0.8
3.0
0.03 (4-5)
CTQ4437-B_
SM
55
47.3
299.7
2.0
0.110
0.035 (3-2)
1:0.5:1.167:1.167
3.0
0.30 (9-8)
0.32 (4-5)
CTQ4338-B_
TH
66
59.4
499.5
3.5
0.090
0.039 (8-7)
1:0.5:1.167:1.167
3.0
0.58 (6-5)
0.60 (3-4)
CTQ4438-B_
SM
65
57.0
299.7
3.0
0.065
0.15 (10-11, 9-8)
1:1.2:1.2
3.0
CTQ4339-B_
TH
66
59.4
499.5
3.0
0.090
0.20 (8-7)
1:1.2:1.2
3.0
0.24 (5-6)
CTS6057-A_
SM
47
40.0
233.1
2.0
0.065
0.065
1:1
3.0
CTS6000-A_
TH
47
40.0
212.6
2.0
0.065
0.042
1:1
3.0
L at 0 Adc
L at Ipk
Volt-time
Leakage
DCR
DCR
±15%
Min.
product
Inductance1
Primary
Secondary
Ipk2
Part Number
Type
(µH)
(µH)
Max. (Vµsec)
Max. (µH)
(
Ω
Ω)(Ω
Ω)
Turns Ratio
(A)
RoHS
Compliant
Available


Similar Part No. - CTS6000-AF

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
Teledyne Technologies I...
CTS6001 TELEDYNE-CTS6001 Datasheet
67Kb / 3P
InGaP/GaAs RFIC AMPLIFIER
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
NPN SiGe RF Transistor
More results

Similar Description - CTS6000-AF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-F6600 ALLEGRO-STR-F6600 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6676 ALLEGRO-STRF6676 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
logo
Rohm
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
Standard CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
Standard CMOS LDO Regulators
logo
Maxim Integrated Produc...
MAX17595 MAXIM-MAX17595_V01 Datasheet
1Mb / 22P
Peak-Current-Mode Controllers for Flyback and Boost Regulators
2017
logo
Allegro MicroSystems
STR-A6252M ALLEGRO-STR-A6252M Datasheet
972Kb / 13P
Universal-Input 20W 67kHz Flyback Switching Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com