Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC217 Datasheet(PDF) 1 Page - Texas Instruments

Part # TC217
Description  1158- 횞 488-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC217 Datasheet(HTML) 1 Page - Texas Instruments

  TC217 Datasheet HTML 1Page - Texas Instruments TC217 Datasheet HTML 2Page - Texas Instruments TC217 Datasheet HTML 3Page - Texas Instruments TC217 Datasheet HTML 4Page - Texas Instruments TC217 Datasheet HTML 5Page - Texas Instruments TC217 Datasheet HTML 6Page - Texas Instruments TC217 Datasheet HTML 7Page - Texas Instruments TC217 Datasheet HTML 8Page - Texas Instruments TC217 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TC217
1158-
× 488-PIXEL CCD IMAGE SENSOR
SOCS015C – OCTOBER 1989 – REVISED JUNE 1996
Copyright
© 1996, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• High-Resolution, Solid-State Monochrome
Image Sensor for Video or Still-Picture
Photography
• Frame Transfer With Two Field Memories
Allows Multimode Operation
• 1134 (H) x 486 (V) Active Elements in
Image-Sensing Area
• 11-mm Image-Area Diagonal is Compatible
With 2/3” Vidicon Optics
• Fast Clear Capability
• Electron-Hole Recombination Antiblooming
• Dynamic Range . . . More Than 60 dB
• High Photoresponse Uniformity
• On-Chip Cross-Coupled Resets for Easy
Off-Chip Implementation of CCSH Video
Signal Processing
• Solid-State Reliability With No Image
Burn-in, Residual Imaging, Image
Distortion, Image Lag, or Microphonics
description
The TC217 is a frame-transfer charge-coupled-device (CCD) image sensor with two field memories. It is
suitable for use in NTSC video or still-picture photography applications. Its image-sensing area is configured
into 488 lines; 486 of these are active and the remaining two are used for dark reference. Each line is configured
into 1158 pixels with 1134 active and 24 for dark reference. The TC217 has a standard aspect ratio of 4:3 and
a standard 11-mm image-sensing-area diagonal. Its blooming protection, which is an integral part of each pixel,
is based on electron-hole recombination and is activated by clocking the antiblooming gate.
One important aspect of the TC217 high-resolution sensor is its ability to simultaneously capture both fields of
a TV frame. Its two independently addressable memories allow separate storage of each field and operation
in a variety of modes, including EIA-170 (formerly RS-170) with true interlace, EIA-170 with pseudointerlace,
and nonstandard pseudointerlace with a resolution of 972 lines.
A unique multiplexer section (see Figure 3) rearranges the horizontal pixels into vertical groups of three and
separates and loads the image into the two field memories. The independent addressing of each field memory
provides flexibility for different modes of operation. The interdigitated layout of the memories allows each
memory to share the same bank of three serial registers and associated charge detection amplifiers (see
Figure 4 and the functional block diagram). Each register and associated amplifier reads out every third column
of the image area (see Figure 5). The three amplifiers are optimized dual source-followers that allow the use
of off-chip double-correlated clamp-sample-and-hold amplifiers for removing KTC noise.
The TC217 is built using TI-proprietary virtual-phase technology, which provides devices with high blue
response, low dark signal, good uniformity, and single-phase clocking. The TC217 is characterized for operation
from –10
°C to 40°C.
This MOS device contains limited built-in gate protection. During storage or handling, the device leads should be shorted together
or the device should be placed in conductive foam. In a circuit, unused inputs should always be connected to SUB. Under no
circumstances should pin voltages exceed absolute maximum ratings. Avoid shorting OUTn to ADB during operation to prevent
damage to the amplifier. The device can also be damaged if the output terminals are reverse-biased and an excessive current is
allowed to flow. Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling
Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
SUB
CDB
AMP GND
OUT1
OUT2
OUT3
ADB
SAG1
IAG
ABG
SUB
SUB
TRG
SRG1
SRG2
SRG3
SAG2
TMG
IAG
ABG
TDB
SUB
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
DUAL-IN-LINE PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TC217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC217 TI1-TC217 Datasheet
394Kb / 21P
pixel ccd image sensor
TC217-30 TI1-TC217-30 Datasheet
394Kb / 21P
pixel ccd image sensor
TC217-40 TI1-TC217-40 Datasheet
394Kb / 21P
pixel ccd image sensor
TC217 TI1-TC217_08 Datasheet
394Kb / 21P
pixel ccd image sensor
More results

Similar Description - TC217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC211 TI-TC211 Datasheet
173Kb / 13P
192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
680- 횞 500-pixel ccd image sensor
TC241 TI-TC241 Datasheet
282Kb / 18P
780- 횞 488-pixel ccd image sensor
TC245 TI-TC245 Datasheet
469Kb / 19P
786- 횞 488-pixel ccd image sensor
TC244A TI-TC244A Datasheet
311Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
780- 횞 488-PIXEL CCD IMAGE SENSOR
TC244 TI1-TC244 Datasheet
312Kb / 19P
786- 횞 488-PIXEL CCD IMAGE SENSOR
TC271 TI1-TC271 Datasheet
373Kb / 22P
1080 횞 580-PIXEL CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com