Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC217 Datasheet(PDF) 17 Page - Texas Instruments

Part # TC217
Description  1158- 횞 488-pixel ccd image sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC217 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TC217 Datasheet HTML 13Page - Texas Instruments TC217 Datasheet HTML 14Page - Texas Instruments TC217 Datasheet HTML 15Page - Texas Instruments TC217 Datasheet HTML 16Page - Texas Instruments TC217 Datasheet HTML 17Page - Texas Instruments TC217 Datasheet HTML 18Page - Texas Instruments TC217 Datasheet HTML 19Page - Texas Instruments TC217 Datasheet HTML 20Page - Texas Instruments TC217 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TC217
1158-
× 488-PIXEL CCD IMAGE SENSOR
SOCS015C – OCTOBER 1989 – REVISED JUNE 1996
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tf
tr
0%
VIL max
10%
Intermediate Level
VIH min
90%
100%
Slew rate between 10% and 90% = 70 to 120 V/
µs, tr = 150 ns, tf = 90 ns
Figure 17. Typical Clock Waveform for ABG, IAG, SAG1, SAG2, AND TMG
tf
tr
0%
VIL max
10%
VIH min
90%
100%
Slew rate between 10% and 90% = 300 V/
µs, tr = tf = 15 ns
Figure 18. Typical Clock Waveform for SRG1, SRG2, SRG3, and TRG
Sample
and
Hold
100%
90%
OUT
SRG
– 9 V
0%
– 9 V to – 11 V
1.5 V to 2.5 V
CCD Delay
τ
15 ns
10 ns
Figure 19. SRG and OUT Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com