Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THMC10 Datasheet(PDF) 5 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 5 Page - Texas Instruments

  THMC10 Datasheet HTML 1Page - Texas Instruments THMC10 Datasheet HTML 2Page - Texas Instruments THMC10 Datasheet HTML 3Page - Texas Instruments THMC10 Datasheet HTML 4Page - Texas Instruments THMC10 Datasheet HTML 5Page - Texas Instruments THMC10 Datasheet HTML 6Page - Texas Instruments THMC10 Datasheet HTML 7Page - Texas Instruments THMC10 Datasheet HTML 8Page - Texas Instruments THMC10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ac electrical characteristics, VDD = 3.3 V, TA = 25°C (unless otherwise noted)
A/D and supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
t(CONV)
One-shot conversion time
One-shot mode from SMBus stop bit to temperature
conversion completed (both channels)
12
ms
Acquisition rate accuracy
Auto-aquire mode
–25%
25%
SMBus
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
f(SCLK)
SCLK operating frequency
See Figure 1
10
100
kHz
t(BUF)
Bus free time between stop and start condition
See Figure 1
4.7
µs
t(HDSTA)
Hold time after (repeated) start condition. After this period, the
first clock is generated
See Figure 1
4
µs
t(SUSTA)
Repeated start condition setup time
See Figure 1
4.7
µs
t(SUSTO)
Stop condition setup time
See Figure 1
4
µs
t(HDDAT)
Data hold time
See Figure 1
300
ns
t(SUDAT)
Data setup time
See Figure 1
250
ns
t(LOW)
SCLK clock low period
See Figure 1
4.7
µs
t(HIGH)
SCLK clock high period
See Figure 1
4
50
µs
t(LOWSEXT)
Cumulative clock low extend time (slave device)
See Figure 1
25
ms
t(LOWMEXT)
Cumulative clock low extend time (master device)
See Figure 1
10
ms
tF
Clock/data fall time
See Figure 1
300
ns
tR
Clock/data rise time
See Figure 1
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com