Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THMC10 Datasheet(PDF) 17 Page - Texas Instruments

Part # THMC10
Description  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC10 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THMC10 Datasheet HTML 12Page - Texas Instruments THMC10 Datasheet HTML 13Page - Texas Instruments THMC10 Datasheet HTML 14Page - Texas Instruments THMC10 Datasheet HTML 15Page - Texas Instruments THMC10 Datasheet HTML 16Page - Texas Instruments THMC10 Datasheet HTML 17Page - Texas Instruments THMC10 Datasheet HTML 18Page - Texas Instruments THMC10 Datasheet HTML 19Page - Texas Instruments THMC10 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PERFORMANCE DATA
temperature error vs power supply sinusoidal noise frequency
–2
–1
0
1
2
3
f – Frequency – Hz
10
100
1k
100k
100M
1M
10k
10M
62 mVp-p Remote
125 mVp-p Local
125 mVp-p Remote
62 mVp-p Local
250 mVp-p Local
250 mVp-p Remote
250 mVp-p Local
250 mVp-p Remote
Figure 9. Data Plot
STDBY
VDD
15
2
VDD
SMBCLK
SMBDATA
ALERT
VDD
GND
GND
ADD0
ADD1
Q1
2N3904
R4
50
Ω
HP8116A
Generator
To ICA93LV
I2C Controller
14
12
11
7
8
10
6
4
3
DXP
DXN
THMC10
R1
10 k
Ω
R2
50
Ω
R3
1 k
Ω
C1
20 pF
NOTE: No 0.1
µF VDD capacitor.
Figure 10. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com