Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM4400EPET Datasheet(PDF) 50 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 50 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 46Page - Texas Instruments TCM4400EPET Datasheet HTML 47Page - Texas Instruments TCM4400EPET Datasheet HTML 48Page - Texas Instruments TCM4400EPET Datasheet HTML 49Page - Texas Instruments TCM4400EPET Datasheet HTML 50Page - Texas Instruments TCM4400EPET Datasheet HTML 51Page - Texas Instruments TCM4400EPET Datasheet HTML 52Page - Texas Instruments TCM4400EPET Datasheet HTML 53Page - Texas Instruments TCM4400EPET Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
baseband control register (see Table 15)
The values in the baseband control register bit positions determine whether the data is shifted left or right. Note
that the microcontroller unit (MCU) clocking scheme determines on which edge of the clock that data is received
or transmitted using the serial interface.
Table 15. Baseband Control Register
BCTLREG: BASEBAND CONTROL REGISTER
ADDRESS: 9
R/W
RESERVD
RESERVD
RESERVD
MCLKBP
BCLKMODE
BIZBUS
BCLKDIR
UDIR
UPHA
UPOL
0
1
0
0
1
1/0
R = 0
R = 0
R = 0
R /W
R /W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
UDIR:
This bit determines whether the data is shifted in from right (see serial register description) to
left, MSB first (bit value 0), or from left to right, LSB first (bit value 1).
BCLKMODE:When cleared to 0, BLCKX runs in the burst mode; when set to 1, BCLKX is continuous.
MCLKBP:
When cleared to 0, MCLK signal passes through the clock slicer; when set to 1, the clock slicer
is bypassed (in this case, the signal at the MCLK terminal must be digital).
MCU clocking schemes
Falling edge without delay: The MCU serial interface transmits data on the falling edge of the UCLK and
receives data on the rising edge of UCLK.
Falling edge with delay:
The MCU serial interface transmits data one half-cycle ahead of the falling edge
of the UCLK and receives data on the falling edge of the UCLK.
Rising edge without delay: The MCU serial interface transmits data on the rising edge of the UCLK and
receives data on the falling edge of the UCLK.
Rising edge with delay:
The MCU serial interface transmits data one half-cycle ahead of the rising edge
of the UCLK and receives data on the rising edge of UCLK.
Table 16. MCU Clocking Schemes
UPOL
UPHA
MCU CLOCKING SCHEME
1
1
Falling edge without delay
1
0
Falling edge with delay
0
1
Rising edge without delay
0
0
Rising edge with delay
BCLKDIR:
Direction of the BCLKR port ( 0 –> Output, 1–> Input).
BIZBUS:
When set to 1, BDX, BCLKX, BFSX are in hi-Z when there is nothing to transfer to the DSP;
when cleared to 0, DBX, BCLKX, BFSX are set to VSS when there is nothing to transfer to the
DSP.
RESRVD:
Reserved bits for testing purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com