Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM4400EPET Datasheet(PDF) 51 Page - Texas Instruments

Part # TCM4400EPET
Description  GSM/DCS BASEBAND AND VOICE A/D AND D/A RF INTERFACE CIRCUIT
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM4400EPET Datasheet(HTML) 51 Page - Texas Instruments

Back Button TCM4400EPET Datasheet HTML 47Page - Texas Instruments TCM4400EPET Datasheet HTML 48Page - Texas Instruments TCM4400EPET Datasheet HTML 49Page - Texas Instruments TCM4400EPET Datasheet HTML 50Page - Texas Instruments TCM4400EPET Datasheet HTML 51Page - Texas Instruments TCM4400EPET Datasheet HTML 52Page - Texas Instruments TCM4400EPET Datasheet HTML 53Page - Texas Instruments TCM4400EPET Datasheet HTML 54Page - Texas Instruments TCM4400EPET Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
TCM4400E
GSM/DCS BASEBAND AND VOICE A/D
AND D/A RF INTERFACE CIRCUIT
SLWS082A – JULY 1999 – REVISED MARCH 2000
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
voiceband uplink control register
The values in the voiceband uplink control register bit positions control not only the power level of the audio in
the uplink path but also set the gain of the PGA from –12 dB to 12 dB in 1 dB steps. Bit MICBIAS and VULMIC
and VULAUX are shifted by one position to the left. This is shown in Table 17.
Table 17. Voiceband Uplink Control Register
VBCTL1: VOICEBAND UPLINK CONTROL REGISTER
ADDRESS: 10
R/W
VDXMUTE
MICBIAS
VULMIC
VULAUX
VULPG4
VULPG3
VULPG2
VULPG1
VULPG0
VULON
0
1
0
1
0
1/0
R/W
R /W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
<–ACCESS TYPE
0
0
0
0
0
0
0
0
0
0
<–VALUE AT RESET
VULON:
Power on the uplink path of the audio codec
VULAUX:
Enables the auxiliary input amplifier if bit VULON is 1
VULMICL:
Enables the microphone input amplifier if bit VULON is 1
MICBIAS:
When MICBIAS = 0, the analog bias for the electret-type microphone and external
decoupling is driven to 2 V; when the value is 1, the bias is 2.5 V.
VDXMUTE:
When VDXMUTE = 1, the VDX output is forced to zero, when the value is 0, VDX is
transmitted normally. To avoid cutting a VDX word during transmission due to
asynchronism of writing this bit via DSP or MCU serial interface, VDXMUTE is internally
resynchronized with the 8 KHz voice frame.
VULPG (0–4):
Gain of the voice uplink programmable gain amplifier (–12 dB to 12 dB in 1 dB step), see
Table 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com