Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS10064 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS10064
Description  10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10064 Datasheet(HTML) 2 Page - Texas Instruments

  THS10064 Datasheet HTML 1Page - Texas Instruments THS10064 Datasheet HTML 2Page - Texas Instruments THS10064 Datasheet HTML 3Page - Texas Instruments THS10064 Datasheet HTML 4Page - Texas Instruments THS10064 Datasheet HTML 5Page - Texas Instruments THS10064 Datasheet HTML 6Page - Texas Instruments THS10064 Datasheet HTML 7Page - Texas Instruments THS10064 Datasheet HTML 8Page - Texas Instruments THS10064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
THS10064
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTER
SLAS255 – DECEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
TSSOP
(DA)
0
°C to 70°C
THS10064CDA
–40
°C to 85°C
THS10064IDA
functional block diagram
Logic
and
Control
10 Bit
Pipeline
ADC
S/H
S/H
S/H
S/H
Single
Ended
and/or
Differential
MUX
+
VREFP
VREFM
1.5 V
3.5 V
1.225 V
REF
FIFO
16
× 10
10
10
Buffers
2.5 V
Control
Register
AVDD
DVDD
AGND
DGND
REFOUT
DATA_AV
BVDD
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
RA0
RA1
BGND
REFP
REFM
AINP
AINM
BINP
BINM
CONV_CLK (CONVST)
CS0
CS1
RD
WR (R/W)
REFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com