Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS10064 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS10064
Description  10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10064 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS10064 Datasheet HTML 17Page - Texas Instruments THS10064 Datasheet HTML 18Page - Texas Instruments THS10064 Datasheet HTML 19Page - Texas Instruments THS10064 Datasheet HTML 20Page - Texas Instruments THS10064 Datasheet HTML 21Page - Texas Instruments THS10064 Datasheet HTML 22Page - Texas Instruments THS10064 Datasheet HTML 23Page - Texas Instruments THS10064 Datasheet HTML 24Page - Texas Instruments THS10064 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
THS10064
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTER
SLAS255 – DECEMBER 1999
21
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
analog input channel selection (continued)
control register 1 (see Table 8)
BIT 9
BIT 8
BIT 7
BIT 6
RESERVED
OFFSET
BIN/2s
R/W
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DATA_P
DATA_T
TRIG1
TRIG0
OVFL/FRST
RESET
Table 12. Control Register 1 Bit Functions
BITS
RESET
VALUE
NAME
FUNCTION
0
0
RESET
Reset
Writing a 1 into this bit resets the device and sets the control register 0 and control register 1 to the reset
values. In addition the FIFO pointer and offset register is reset. After reset, it takes 5 clock cycles until the first
value is converted and written into the FIFO.
1
0
OVFL
(read only)
FRST
(write only)
Overflow flag (read only)
Bit 1 of control register 1 indicates an overflow in the FIFO.
Bit 1 = 0
→ no overflow occurred.
Bit 1 = 1
→ an overflow occurred. This bit is reset to 0, after this control register is read from the processor.
FRST: FIFO reset (write only)
By writing a 1 into this bit, the FIFO is reset.
2, 3
0,0
F0, F1
FIFO trigger level
Bit 2 and bit 3 of control register 1 are used to set the trigger level for the FIFO. If the trigger level is reached,
the signal DATA_AV (data available) becomes active according to the settings of DATA_T and DATA_P. This
indicates to the processor that the ADC values can be read. Refer to Table 13.
4
1
DATA_T
DATA_AV type
Bit 4 of control register 1 controls whether the DATA_AV signal is a pulse or static (e.g for edge or level
sensitive interrupt inputs). If it is set to 0, the DATA_AV signal is static. If it is set to 1, the DATA_AV signal is a
pulse. Refer to Table 14.
5
1
DATA_P
DATA_AV polarity
Bit 5 of control register 1 controls the polarity of DATA_AV. If it is set to 1, DATA_AV is active high. If it is set to 0,
DATA_AV is active low. Refer to Table 14.
6
0
R/W
R/W, RD/WR selection
Bit 6 of control register 1 controls the function of the inputs RD and WR. When bit 6 in control register 1 is set
to 1, WR becomes a R/W input and RD is disabled. From now on a read is signalled with R/W high and a write
with R/W as a low signal. If bit 6 in control register 1 is set to 0, the input RD becomes a read input and the input
WR becomes a write input.
7
0
BIN/2s
Complement select
If bit 7 of control register 1 is set to 0, the output value of the ADC is in twos complement. If bit 7 of
control register 1 is set to 1, the output value of the ADC is in binary format. Refer to Table 3 through Table 6.
8
0
OFFSET
Offset cancellation mode
Bit 8 = 0
→ normal conversion mode
Bit 8 = 1
→ offset calibration mode
If a 1 is written into bit 8 of control register 1, the device internally sets the inputs to zero and does a con-
version. The conversion result is stored in an offset register and subtracted from all conversions in order
to reduce the offset error.
9
0
RESERVED
Always write 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com