Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS6012
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6012 Datasheet(HTML) 1 Page - Texas Instruments

  THS6012 Datasheet HTML 1Page - Texas Instruments THS6012 Datasheet HTML 2Page - Texas Instruments THS6012 Datasheet HTML 3Page - Texas Instruments THS6012 Datasheet HTML 4Page - Texas Instruments THS6012 Datasheet HTML 5Page - Texas Instruments THS6012 Datasheet HTML 6Page - Texas Instruments THS6012 Datasheet HTML 7Page - Texas Instruments THS6012 Datasheet HTML 8Page - Texas Instruments THS6012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
THS6012
500-mA DUAL DIFFERENTIAL LINE DRIVER
SLOS226C– SEPTEMBER 1998 – REVISED FEBRUARY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D ADSL Differential Line Driver
D 400 mA Minimum Output Current Into 25-Ω
Load
D High Speed
– 140 MHz Bandwidth (–3dB) With 25-
Load
– 315 MHz Bandwidth (–3dB) With 100-
Load
– 1300 V/
µs Slew Rate, G = 5
D Low Distortion
– –72 dB 3rd Order Harmonic Distortion at
f = 1 MHz, 25-
Ω Load, and 20 VPP
D Independent Power Supplies for Low
Crosstalk
D Wide Supply Range ±4.5 V to ±16 V
D Thermal Shutdown and Short Circuit
Protection
D Improved Replacement for AD815
D Evaluation Module Available
description
The THS6012 contains two high-speed drivers
capable of providing 400 mA output current (min)
into a 25
Ω load. These drivers can be configured
differentially to drive a 50-Vp-p output signal over
low-impedance lines. The drivers are current
feedback amplifiers, designed for the high slew
rates necessary to support low total harmonic
distortion (THD) in xDSL applications. The THS6012 is ideally suited for asymmetrical digital subscriber line
(ADSL) applications at the central office, where it supports the high-peak voltage and current requirements of
this application.
Separate power supply connections for each driver are provided to minimize crosstalk. The THS6012 is
available in the small surface-mount, thermally enhanced 20-pin PowerPAD package.
HIGH-SPEED xDSL LINE DRIVER/RECEIVER FAMILY
DEVICE
DRIVER
RECEIVER
DESCRIPTION
THS6002
Dual differential line drivers and receivers
THS6012
500-mA dual differential line driver
THS6022
250-mA dual differential line driver
THS6032
Low-power ADSL central office line driver
THS6062
Low-noise ADSL receiver
THS7002
Low-noise programmable gain ADSL receiver
CAUTION: The THS6012 provides ESD protection circuitry. However, permanent damage can still occur if this device is subjected
to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance degradation or loss
of functionality.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.
VCC
1OUT
VCC+
1IN+
1IN–
NC
NC
NC
NC
NC
VCC–
2OUT
VCC+
2IN+
2IN–
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Cross Section View Showing PowerPAD
Thermally Enchanced SOIC (DWP)
PowerPAD
™ Package
(TOP VIEW)
(SIDE VIEW)
MicroStar
™ Junior (GQE) Package
(TOP VIEW)


Similar Part No. - THS6012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6012 TI-THS6012 Datasheet
718Kb / 40P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6012 TI1-THS6012 Datasheet
1Mb / 35P
LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6012 TI1-THS6012 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012 Datasheet
1Mb / 46P
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - THS6012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
Dual Differential Line Driver
logo
Texas Instruments
SN75158 TI-SN75158 Datasheet
122Kb / 8P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI-THS6022 Datasheet
646Kb / 38P
250-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD816 AD-AD816 Datasheet
413Kb / 16P
500 mA Differential Driver and Dual Low Noise VF Amplifiers
REV.B
logo
Texas Instruments
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD816 AD-AD816_15 Datasheet
839Kb / 16P
500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
logo
Texas Instruments
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com