Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS6012
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6012 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS6012 Datasheet HTML 17Page - Texas Instruments THS6012 Datasheet HTML 18Page - Texas Instruments THS6012 Datasheet HTML 19Page - Texas Instruments THS6012 Datasheet HTML 20Page - Texas Instruments THS6012 Datasheet HTML 21Page - Texas Instruments THS6012 Datasheet HTML 22Page - Texas Instruments THS6012 Datasheet HTML 23Page - Texas Instruments THS6012 Datasheet HTML 24Page - Texas Instruments THS6012 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
THS6012
500-mA DUAL DIFFERENTIAL LINE DRIVER
SLOS226C– SEPTEMBER 1998 – REVISED FEBRUARY 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
thermal information
The THS6012 is packaged in a thermally-enhanced DWP package, which is a member of the PowerPAD family
of packages. This package is constructed using a downset leadframe upon which the die is mounted
[see Figure 39(a) and Figure 39(b)]. This arrangement results in the lead frame being exposed as a thermal pad
on the underside of the package [see Figure 39(c)]. Because this thermal pad has direct thermal contact with
the die, excellent thermal performance can be achieved by providing a good thermal path away from the thermal
pad.
The PowerPAD package allows for both assembly and thermal management in one manufacturing operation.
During the surface-mount solder operation (when the leads are being soldered), the thermal pad can also be
soldered to a copper area underneath the package. Through the use of thermal paths within this copper area,
heat can be conducted away from the package into either a ground plane or other heat dissipating device. This
is discussed in more detail in the
PCB design considerations section of this document.
The PowerPAD package represents a breakthrough in combining the small area and ease of assembly of
surface mount with the, heretofore, awkward mechanical methods of heatsinking.
DIE
Side View (a)
End View (b)
Bottom View (c)
DIE
Thermal
Pad
NOTE A: The thermal pad is electrically isolated from all terminals in the package.
Figure 39. Views of Thermally Enhanced DWP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com