Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1802L Datasheet(PDF) 17 Page - HYES Optoelectronics, Inc.

Part # HT1802L
Description  LCD MODULE (128 횞 RGB 횞 160 Dots)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT1802L Datasheet(HTML) 17 Page - HYES Optoelectronics, Inc.

Back Button HT1802L Datasheet HTML 13Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 14Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 15Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 16Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 17Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 18Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 19Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 20Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 21Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
9. LCD Module Out-Going Quality Level
(1.0) Purpose
The LCD specification provides outgoing provision and its expected quality level
based on our outgoing inspection of LCD.
(2.0) Applicable Scope
The LCD specification is applicable to the arrangement in regard to outgoing
Inspection and quality assurance after it.
(3.0) Quality Specification
(3.1) Quality Level
The quality level of HYES are based on GB/T2828.1, Apply Level II,
normal inspection by single sampling.
Rank
Item
AQL
Note
Major(MA) Segment Short, Missing
0.65
Solder Bridging, Cold Solder
Outside Dimension
Minor (MI) Black Spots, White Spots, Foreign Substance,
1.0
Pinhole, Segment Deformation, Scratchs(Glass & Pol.)
Air Bubbles between Glass & Polarizer,
Color Variation, Solder Ball, Misalignment
Note) AQL- Acceptable Quality Level
(3.2) Appearance Standards
1) Inspection Conditions
The LCD shall be inspected under 20W white fluorescent lamp light.
The distance between the eyes and the sample shall be 30cm.
All directions for inspecting the sample should be within 30º to perpendicular line.
2) Definition of the Area
TECHNICAL SPECIFICATION
Date : May. 20, 2008
LCM
HT1802L
Page 17 of 22
A Area
B Area
C Area
A Area : Active Area
B Area : Viewing Area
C Area : Out of Viewing Area
Bonding Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com