Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1802L Datasheet(PDF) 20 Page - HYES Optoelectronics, Inc.

Part # HT1802L
Description  LCD MODULE (128 횞 RGB 횞 160 Dots)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT1802L Datasheet(HTML) 20 Page - HYES Optoelectronics, Inc.

Back Button HT1802L Datasheet HTML 14Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 15Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 16Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 17Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 18Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 19Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 20Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 21Page - HYES Optoelectronics, Inc. HT1802L Datasheet HTML 22Page - HYES Optoelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
(4.0) Reliability Condition
Item
Content
Room Temperature Operation
50,000 hrs
(4.1) Reliability Test
No.
Item
Condition
Test
Sample
Note
Time
Numbers
1 High Temp
120 hrs
3
Operation
2 Low Temp
120 hrs
3
Operation
3 High Humidity
120 hrs
Storage
4 Thermal
Shock
/6days
(4.2) Criteria
a. No changes for indication and appearance.
b. Leave the all samples under roon temperature 4 hours after reliability test ends.
TECHNICAL SPECIFICATION
Date : May. 20, 2008
↔
70℃
3
0/1
30mn stage -20℃
LCM
HT1802L
Page 20 of 22
Creteria
(Acc/Rej)
70 ± 3℃
0/1
0/1
60℃
0/1
3
-20 ± 3℃
90%rh
10 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com