| Electronic Components Datasheet Search |
|
THS7002EVM Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS7002EVM Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 32 page ![]() THS7001, THS7002 70-MHz PROGRAMMABLE-GAIN AMPLIFIERS SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION theory of operation Each section of the THS7001 and THS7002 consists of a pair of high speed operational amplifiers configured in a voltage feedback architecture. They are built using a 30-V, dielectrically isolated, complementary bipolar process with NPN and PNP transistors possessing fTs of several GHz. This results in exceptionally high performance amplifiers that have a wide bandwidth, high slew rate, fast settling time, and low distortion. A simplified schematic of the preamplifiers are shown in Figure 51. IN – IN + OUT VCC – VCC + Figure 51. Pre-Amp Simplified Schematic noise calculations and noise figure Noise can cause errors on very small signals. This is especially true for the preamplifiers, which typically amplify small signals. The noise model is shown in Figure 52. This model includes all of the noise sources as follows: • e n = amplifier internal voltage noise (nV/√Hz) • IN+ = noninverting current noise (pA/√Hz) • IN– = inverting current noise (pA/√Hz) • e Rx = thermal voltage noise associated with each resistor (eRx = 4 kTRx ) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |